Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPTB00050 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # NPTB00050
Description  Gallium Nitride 28V, 50W RF Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPTB00050 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  NPTB00050 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NDS-007 Rev 6, April 2013
NPTB00050
Page 2
NPTB00050
Not recommended for new designs
Contact applications@nitronex.com for questions or support
Absolute Maximum Ratings: Not simultaneous, TC = 25°C unless otherwise noted
Symbol
Parameter
Max
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
-10 to 3
V
IG
Gate Current
80
mA
PT
Total Device Power Dissipation (Derated above 25°C)
55
W
qJC
Thermal Resistance (Junction-to-Case)
3.2
°C/W
TSTG
Storage Temperature Range
-65 to 150
°C
TJ
Operating Junction Temperature
200
°C
HBM
Human Body Model ESD Rating (per JESD22-A114)
1B (>500V)
MM
Machine Model ESD Rating (per JESD22-A115)
M2 (>100V)
Symbol
Parameter
Min
Typ
Max
Units
Off Characteristics
VBDS
Drain-Source Breakdown Voltage
(VGS = -8V, ID = 16mA)
100
-
-
V
IDLK
Drain-Source Leakage Current
(VGS = -8V, VDS = 60V)
-
0.1
16
mA
On Characteristics
VT
Gate Threshold Voltage
(VDS = 28V, ID = 16mA)
-2.3
-1.8
-1.3
V
VGSQ
Gate Quiescent Voltage
(VDS = 28V, ID = 450mA)
-2.0
-1.5
-1.0
V
RON
On Resistance
(VGS = 2V, ID = 120mA)
-
0.25
0.40
W
ID
Drain Current
(VDS = 7V pulsed, 300ms pulse width,
0.2% duty cycle, VGS = 2V)
9.2
9.8
-
A
DC Specifications: TC = 25°C


Similar Part No. - NPTB00050

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00050 MA-COM-NPTB00050_15 Datasheet
510Kb / 8P
50W RF Power Transistor
More results

Similar Description - NPTB00050

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
logo
List of Unclassifed Man...
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
Gallium Nitride 28V, 100W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
Gallium Nitride 28V, 18W RF Power Transistor
logo
M/A-COM Technology Solu...
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
Gallium Nitride 28V, 23W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
Gallium Nitride 28V, 5W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
logo
List of Unclassifed Man...
NPT1007 ETC2-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com