Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPTB00050 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # NPTB00050
Description  Gallium Nitride 28V, 50W RF Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPTB00050 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  NPTB00050 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPTB00050 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NDS-007 Rev 6, April 2013
NPTB00050
Page 1
NPTB00050
Not recommended for new designs
Contact applications@nitronex.com for questions or support
FEATURES
• Optimized for broadband operation from
DC - 4000MHz
• 50W P3dB CW narrowband power
• 25W P3dB CW broadband power from
500-1000MHz
• Characterized for operation up to 32V
• 100% RF tested
• Thermally enhanced industry standard package
• High reliability gold metallization process
• Lead-free and RoHS compliant
• Subject to ECCN 3A982.a.1 export control
Gallium Nitride 28V, 50W RF Power Transistor
Built using the SIGANTIC® NRF1 process - A proprietary GaN-on-Silicon technology
Broadband
50 Watt, 28 Volt
GaN HEMT
RF Specifications (CW): VDS = 28V, IDQ = 450mA, Frequency = 3000MHz, TC = 25°C, Measured in Nitronex Test Fixture
Symbol
Parameter
Min
Typ
Max
Units
P3dB
Average Output Power at 3dB Gain Compression
45
50
-
W
P1dB
Average Output Power at 1dB Gain Compression
33
38
-
W
GSS
Small Signal Gain
10.5
11.5
-
dB
h
Peak Drain Efficiency at POUT = P3dB
55
60
-
%
y
Output mismatch stress, VSWR = 7:1, all phase
angles, POUT = P1dB
No Performance Degradation After Test
Typical OFDM Performance: VDS = 28V, IDQ = 300mA, Single carrier OFDM waveform 64-QAM 3/4, 8 burst,
continuous frame data, 10MHz channel bandwidth. Peak/Avg = 10.3dB @ 0.01% probability on CCDF.
Frequency = 2400 to 2600MHz. POUT,AVG = 6W, TC=25°C.
Symbol
Parameter
Typ
Units
GP
Power Gain
12.0
dB
h
Drain Efficiency
23
%
EVM
Error Vector Magnitude
2.0
%


Similar Part No. - NPTB00050

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPTB00050 MA-COM-NPTB00050_15 Datasheet
510Kb / 8P
50W RF Power Transistor
More results

Similar Description - NPTB00050

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
NPT1004 MA-COM-NPT1004 Datasheet
541Kb / 6P
Gallium Nitride 28V, 45W RF Power Transistor
NPT1007 MA-COM-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
NPT1012 MA-COM-NPT1012 Datasheet
1,019Kb / 8P
Gallium Nitride 28V, 25W RF Power Transistor
NPT25015 MA-COM-NPT25015 Datasheet
624Kb / 8P
Gallium Nitride 28V, 23W RF Power Transistor
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
NPTB00004 MA-COM-NPTB00004 Datasheet
953Kb / 10P
Gallium Nitride 28V, 5W RF Power Transistor
logo
List of Unclassifed Man...
NPT1007 ETC2-NPT1007 Datasheet
1,018Kb / 7P
Gallium Nitride 28V, 200W RF Power Transistor
NPT1010 ETC2-NPT1010 Datasheet
1Mb / 10P
Gallium Nitride 28V, 100W RF Power Transistor
NPT35015 ETC2-NPT35015 Datasheet
716Kb / 10P
Gallium Nitride 28V, 18W RF Power Transistor
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
Gallium Nitride 28V, 65W RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com