Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1S-1205 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # R1S-1205
Description  Fully RoHS 6/6 Conform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1S-1205 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  R1S-1205 Datasheet HTML 1Page - List of Unclassifed Manufacturers R1S-1205 Datasheet HTML 2Page - List of Unclassifed Manufacturers R1S-1205 Datasheet HTML 3Page - List of Unclassifed Manufacturers R1S-1205 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
E-27
REV: 2/2014
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
12 PIN Single and Dual SMD Package
Bottom View
0.55
Top View
Separation
> 3.8 mm
2
5
RECOM
R1S_R1D12-xxxx
xxxx
1
15.24
6.7
2.54x5
7.0
12.00
1.80
7
2
15
1.20
7
6
8
11
12
6
8
11
12
3
10
3
10
11.10
10.7
8.50
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3NC
NC
5
–Vout
Com
6
NC
–Vout
7NC
NC
8
+Vout
+Vout
10
NC
NC
11
NC
NC
12
NC
NC
NC = No Connection
Recommended Footprint Details
Note: /H option is available in
this pin package
EMC Filtering - Suggestion for EN55022 Class B (Conducted and Emitted)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
R1S_R1D
Series
R1S** :
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
e.g. R1S12-0505, R1S12-0505/H, R1S12-0505/HP
R1D** : ** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
e.g. R1D12-0505, R1D12-0505/H, R1D12-0505/HP
+
Fuse
Output
C1
Input
470pF/4kVDC
L1
DC
DC
+
Fuse
+Vout
C1
Input
470pF/4kVDC
L1
-Vout
Com
DC
DC
Standard and /H versions
C1
L1
Vin
4.7µF 3.3µH
3.3V
2.2µF 4.7µH
5V
2.2µF 10µH
12V
2.2µF 22µH
15V
4.7µF 22µH
24V
/P and /HP versions
C1
L1
Vin
4.7µF 10µH
3.3V
10µF
10µH
5V
4.7µF 22µH
12V
4.7µF 22µH
15V
10µF
47µH
24V
C1 = MLCC
L1 = SMD Inductor
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The Buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or damage property.


Similar Part No. - R1S-1205

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
   1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-0505-E ETC2-R1S-0505-E Datasheet
110Kb / 2P
   1 Watt SMD Single Output
logo
Recom International Pow...
R1S-0505H RECOM-R1S-0505H Datasheet
160Kb / 4P
   1 Watt SMD Single & Dual Output
R1S-0505HP RECOM-R1S-0505HP Datasheet
160Kb / 4P
   1 Watt SMD Single & Dual Output
R1S-0509-P RECOM-R1S-0509-P Datasheet
126Kb / 4P
   Fully RoHS 6/6 Conform
More results

Similar Description - R1S-1205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2S-1212-R ETC2-R2S-1212-R Datasheet
140Kb / 4P
   Fully RoHS 6/6 Conform
logo
Recom International Pow...
R1S-0509-P RECOM-R1S-0509-P Datasheet
126Kb / 4P
   Fully RoHS 6/6 Conform
R0.25D RECOM-R0.25D Datasheet
128Kb / 4P
   Fully RoHS 6/6 Conform
logo
Roithner LaserTechnik G...
RLCU-4XX ROITHNER-RLCU-4XX Datasheet
275Kb / 4P
   devices are rohs conform
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5745Z AVAGO-AFCT-5745Z Datasheet
542Kb / 18P
   RoHS-6 Compliant
logo
OSA Opto Light GmbH
OIS-170-1020P OSA-OIS-170-1020P Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-150MUR OSA-OLS-150MUR Datasheet
447Kb / 7P
   devices are ROHS and REACH conform
OLS-170HSD OSA-OLS-170HSD Datasheet
229Kb / 7P
   devices are ROHS and REACH conform
OLS-180Y OSA-OLS-180Y Datasheet
241Kb / 7P
   devices are ROHS and REACH conform
OLS-210MW OSA-OLS-210MW Datasheet
230Kb / 7P
   devices are ROHS and REACH conform
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com