Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S110 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # S110
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

S110 Datasheet(HTML) 3 Page - Continental Device India Limited

  S110 Datasheet HTML 1Page - Continental Device India Limited S110 Datasheet HTML 2Page - Continental Device India Limited S110 Datasheet HTML 3Page - Continental Device India Limited S110 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight
Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
DO-214AA (SMB)
T&R
5,000
50K
46 x 38 x 22
8.9
T & R: Tape and Reel
SK12_S110Rev290405E
All Dimensions are in mm
Inner Carton
Outer Carton
SMB Packing Tape
Continental Device India Limited
Data Sheet
Page 3 of 4
SK12 - S110
DO-214AA (SMB)
Surface Mount Package


Similar Part No. - S110

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S110 SSOUSA-S110 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
logo
Won-Top Electronics
S110 WTE-S110 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
S110 PANJIT-S110 Datasheet
54Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
S110 LUGUANG-S110 Datasheet
190Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
S110 YANGJIE-S110 Datasheet
105Kb / 2P
   Schottky Rectifier
More results

Similar Description - S110

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com