Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43204 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE43204
Description  50 廓 RF Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43204 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE43204_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE43204
Page 5 of 8
Document No. 70-0257-03
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
The 2-bit DSA EK Board was designed to ease
customer evaluation of Peregrine’s PE43204.
For automated programming, connect the test
harness provided with the EVK to the parallel port
of the PC and to the 6-pin header of the
PCB.
Connect the loose wire of the supplied
cable to a power supply set at 3.3V DC.
Set the
SP3T switches S1 and S2 to the ‘MIDDLE’ toggle
position.
After downloading and installing the
DSA EVK software from www.psemi.com, run the
software and select ‘PE43204’ from the drop down
menu. Using the software, enable or disable
each setting to the desired attenuation state. The
software automatically programs the DSA each
time an attenuation state is enabled or disabled.
For manual programming, disconnect the test
harness provided with the EVK. Apply 3.3V to
the Vdd header pin and Ground to the GND
header pin. The DUT can be controlled two ways:
1. The mechanical switches in conjunction with
the VCTL pin can be used. Apply desired control
voltage to VCTL header pin. The top mechanical
switch controls the 6dB stage, the bottom
mechanical switch controls the 12dB stage. For
each switch, the left position is the 0V condition,
while the right position is the Vctrl condition. The
middle position leaves the control pin floating.
2. The CTL1 and CTL2 pins on the header can be
used. Each pin directly controls the 6dB and 12dB
stage respectively. The VCTL pin on the header is
left open. The mechanical switches may be left
uninstalled or must be kept in the middle position.
Note: To minimize switching time, C3 and C4 can
be removed.
Power-up Control Settings
The PE43204 will always power up into the state
determined by the voltages on the 2 control pins.
The DSA can be preset to any state within the 18
dB range by pre-setting the parallel control pins
prior to power-up. There is a 10
µs delay between
the time the DSA is powered-up to the time the
desired state is set. If the control pins are left
floating during power-up, the device will default to
the minimum attenuation setting (insertion loss
state).
Figure 14. Evaluation Board Layouts
Figure 15. Evaluation Board Schematic
Peregrine Specification 102/0416
Peregrine Specification 101/0344
Z=50 Ohm
De-embeding trace
Z=50 Ohm
Z=50 Ohm
CENTER GND PAD
3
1
2
4
S1
SS14MDP2
1
J2
SMASM
1
J5
SMASM
1
J4
SMASM
1
J3
SMASM
3
1
2
4
S2
SS14MDP2
1
1
3
3
5
5
2
2
4
4
6
6
J1
HEADER 3X2
RF2
RF2
RF1
RF1
NC
NC
1
2
8
9
7
3
13
U1
PE43204
C1
0.1µF
C2
100pF
C3
10PF
C4
10PF
VCTL
CTL2
VDD
CTL1
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204_15 Datasheet
334Kb / 8P
   RF Digital Attenuator
More results

Similar Description - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com