Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43204 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE43204
Description  50 廓 RF Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43204 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE43204_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
PE43204
Page 4 of 8
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0257-03
│ UltraCMOS™ RFIC Solutions
GND
RF1
NC
3
2
1
9
8
7
12
11
10
6
5
4
GND
RF2
NC
Exposed
ground paddle
Table 2. Pin Descriptions
Exposed Solder Pad Connection
The exposed solder pad on the bottom of the package
must be grounded for proper device operation.
Figure 13. Pin Configuration (Top View)
Pin No.
Pin Name
Description
1
GND
Ground
2
RF12
RF1 port
3
NC1
No Connect
4
NC1
No Connect
5
NC1
No Connect
6
NC1
No Connect
7
NC1
No Connect
8
RF22
RF2 port
9
GND
Ground
10
C2
Attenuation control bit, 12 dB
11
C1
Attenuation control bit, 6 dB
12
VDD
Power Supply Pin
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 4. Operating Ranges
Table 5. Absolute Maximum Ratings
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
3.0
3.3
3.6
V
IDD Power Supply Current
8
200
µA
Digital Input High
0.7xVDD
3.6
V
Digital Input Low
0
0.3xVDD
V
Digital Input Leakage
10
µA
PIN Input power (50Ω)
20 MHz
≤ 4.0 GHz
+23
dBm
TOP Operating temperature range
-40
25
85
°C
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any Digital input
-0.3
VDD+
0.3
V
TST
Storage temperature range
-65
150
°C
PIN
Input power (50
Ω)
20 MHz
≤ 4.0 GHz
+23
dBm
VESD
ESD voltage (Human Body Model,
MIL_STD 883 Method 3015.7)
2000
V
Table 3. Attenuation Word Truth Table
C1
C2
Attenuation Setting RF1-RF2
L
L
Reference I.L.
H
L
6 dB
L
H
12 dB
H
H
18 dB
Notes: 1. Pins 3 through 7 may be tied to ground if desired, but
they are not connected to ground internal to the package
2. All RF pins must be DC blocked with an external series
capacitor or held at 0 VDC.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE43204 in
the 12-lead 3x3 QFN package is MSL1.
Switching Frequency
The PE43204 has a maximum 25 kHz switching rate.
Switching rate is defined to be the speed at which the
DSA can be toggled across attenuation states.
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204_15 Datasheet
334Kb / 8P
   RF Digital Attenuator
More results

Similar Description - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com