Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43204 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE43204
Description  50 廓 RF Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43204 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE43204_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PE43204
Page 2 of 8
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0257-03
│ UltraCMOS™ RFIC Solutions
-0.10
0.00
0.10
0.20
0.30
0.40
0.50
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz.)
6dB State
12dB State
18dB State
0
6
12
18
0
6
12
18
Attenuation State (dB.)
-1.00
-0.90
-0.80
-0.70
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
+25C
-40C
+85C
Table 1. Electrical Specifications @ +25°C, VDD = 3.3 V
Performance Plots
Parameter
Test Conditions
Min
Typical
Max
Units
Frequency Range
50 - 3000
MHz
Attenuation Range
6 dB,12 dB and 18 dB steps
0 -18
dB
Insertion Loss
0.6
0.7
dB
Attenuation Error
0 dB - 18 dB Attenuation Settings
50 MHz to < 2000 MHz
2000 MHz – 3000 MHz
+0.1
+0.2
-0.25 / + 0.40
-0.10 / +0.50
dB
dB
Return Loss
15
dB
Relative Phase
All States
11
deg
P1dB
Input
+28
+30
dBm
IIP3
IIP3 Two tones at +18 dBm, 20 MHz spacing
+61
dBm
Switching Speed
50% DC CTRL to 10% / 90% RF
26
ns
Figure 4. Attenuation Error vs. Frequency
@ T = +25C
Figure 3. Attenuation vs. Attenuation Setting
Figure 5. Insertion Loss vs. Temperature
Figure 6. Input Return Loss vs Attenuation
@ T = +25C
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz.)
0dB
6dB
12dB
18dB
Note:
Attenuation Error Equation - AE = [ ABS {ABS(Insertion Loss @ Attenuation
Setting) - ABS(Reference Loss) } ] - [ ABS(Attenuation Setting) ]
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204_15 Datasheet
334Kb / 8P
RF Digital Attenuator
More results

Similar Description - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com