Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43204 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE43204
Description  50 廓 RF Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43204 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE43204_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 8
Document No. 70-0257-03
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
The PE43204 is a 50
Ω, HaRP™-enhanced, high linearity, 2-bit
RF Digital Step Attenuator (DSA) covering an 18 dB
attenuation range in 6 dB steps. With a parallel control
interface, it maintains high attenuation accuracy, fast switching
speed, low insertion loss and low power consumption. This
next generation Peregrine DSA is available in a 3x3 mm 12-
lead QFN footprint.
The PE43204 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
2-bit; 0, 6, 12, and 18 dB States
Product Description
Figure 2. Functional Schematic Diagram
PE43204
Features
HaRP™-enhanced UltraCMOS™ device
Fast switching speed: Typical 26 ns
High Linearity: Typical +61 dBm IP3
Small α-Error
Best in class 2000 V HBM ESD tolerance
Attenuation: 6, 12, and 18 dB States
Parallel Control
CMOS Compatible
Packaged in a 12-lead 3x3x0.85 mm QFN
Figure 1. Package Type
12-lead 3x3x0.85 mm QFN Package
Control Logic
Interface
RF Output
Switched Attenuator Array
2
Parallel Control
RF Input
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204_15 Datasheet
334Kb / 8P
   RF Digital Attenuator
More results

Similar Description - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com