Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92CK16TMTCX Datasheet(PDF) 12 Page - Tyco Electronics

Part # DS92CK16TMTCX
Description  DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS92CK16TMTCX Datasheet(HTML) 12 Page - Tyco Electronics

Back Button DS92CK16TMTCX Datasheet HTML 8Page - Tyco Electronics DS92CK16TMTCX Datasheet HTML 9Page - Tyco Electronics DS92CK16TMTCX Datasheet HTML 10Page - Tyco Electronics DS92CK16TMTCX Datasheet HTML 11Page - Tyco Electronics DS92CK16TMTCX Datasheet HTML 12Page - Tyco Electronics DS92CK16TMTCX Datasheet HTML 13Page - Tyco Electronics DS92CK16TMTCX Datasheet HTML 14Page - Tyco Electronics DS92CK16TMTCX Datasheet HTML 15Page - Tyco Electronics DS92CK16TMTCX Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
13-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
DS92CK16TMTC
ACTIVE
TSSOP
PW
24
61
TBD
Call TI
Call TI
-40 to 85
DS92CK16T
MTC
DS92CK16TMTC/NOPB
ACTIVE
TSSOP
PW
24
61
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
DS92CK16T
MTC
DS92CK16TMTCX
ACTIVE
TSSOP
PW
24
2500
TBD
Call TI
Call TI
-40 to 85
DS92CK16T
MTC
DS92CK16TMTCX/NOPB
ACTIVE
TSSOP
PW
24
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
-40 to 85
DS92CK16T
MTC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - DS92CK16TMTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92CK16TMTCX/NOPB TI1-DS92CK16TMTCX/NOPB Datasheet
919Kb / 17P
[Old version datasheet]   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
More results

Similar Description - DS92CK16TMTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
[Old version datasheet]   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
165Kb / 11P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92CK16 NSC-DS92CK16_06 Datasheet
580Kb / 12P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Pericom Semiconductor C...
PI90LVB16 PERICOM-PI90LVB16 Datasheet
470Kb / 12P
   3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
   1 to 4 Clock Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
logo
National Semiconductor ...
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
   3.3V B/LVDS-BLVDS Buffer
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
MPC905 IDT-MPC905 Datasheet
381Kb / 7P
   1:6 PCI Clock Generator/Fanout Buffer
logo
Motorola, Inc
MPC903 MOTOROLA-MPC903 Datasheet
91Kb / 6P
   1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com