Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT-105-116 Datasheet(PDF) 1 Page - Alpha Wire

Part # FIT-105-116
Description  Customer Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

FIT-105-116 Datasheet(HTML) 1 Page - Alpha Wire

  FIT-105-116 Datasheet HTML 1Page - Alpha Wire FIT-105-116 Datasheet HTML 2Page - Alpha Wire FIT-105-116 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. FIT-105-1/16
Construction
1) Tubing Type
Heat Shrinkable Tubing
2) Tubing Material
Irradiated PVC
3) Minimum Supplied ID(In)
0.062
4) Maximum Recovered ID (In)
0.031
5) Nominal Recovered Wall Thickness(In)
0.020
6) Color(s)
BLACK
Applicable Specifications
1) UL
VW-1
Standard 224
2) CSA International
Standard 198
105°C
3) Other
AMS-DTL-23053/2 Class1 Exc Longitudinal
Shrinkage
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the 16 substances listed on the European Union's REACH
Substance of Very High Concern (SVHC) candidate list in excess of 0.1% mass of the item.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - FIT-105-116

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-105-1 ALPHAWIRE-FIT-105-1 Datasheet
70Kb / 3P
Customer Specification
FIT-105-1-1-2 ALPHAWIRE-FIT-105-1-1-2 Datasheet
392Kb / 4P
RoHS-Compliant Commencing With 7/1/2006 Production
FIT-105-1-1/2 ALPHAWIRE-FIT-105-1-1/2 Datasheet
392Kb / 4P
RoHS-Compliant Commencing With 7/1/2006 Production
FIT-105-1-12 ALPHAWIRE-FIT-105-1-12 Datasheet
75Kb / 3P
Customer Specification
FIT-105-1-12 ALPHAWIRE-FIT-105-1-12 Datasheet
99Kb / 4P
Customer Specification
8/30/2022
More results

Similar Description - FIT-105-116

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
Customer Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com