Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9848 Datasheet(PDF) 1 Page - Alpha Wire

Part # 9848
Description  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9848 Datasheet(HTML) 1 Page - Alpha Wire

  9848 Datasheet HTML 1Page - Alpha Wire 9848 Datasheet HTML 2Page - Alpha Wire 9848 Datasheet HTML 3Page - Alpha Wire 9848 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 9848
Construction
Diameters (In)
1) Component 1
1 X 1 COAX
a) Conductor
18 (SOLID) AWG BC
b) Insulation
0.038" Wall, Nom. Polyethylene, Foam
0.116
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
NATURAL
2) Shield
TC BRAID Shield,95% Coverage, Min.
3) Jacket
0.028" Wall, Nom.,Type I PVC
0.195+/- 0.004
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N 9848
RG 58/U RU AWM STYLE 1354 ROHS
* = Factory Code
Applicable Specifications
1) UL
AWM/STYLE 1354
60°C / 30 VRMS
2) Military
MIL-C-17/RG 58/U TYPE
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - 9848

ManufacturerPart #DatasheetDescription
logo
Heyco.
9840 HEYCO-9840 Datasheet
238Kb / 1P
   Zinc Die-Cast Box Connectors
logo
3M Electronics
9840-NLM0 3M-9840-NLM0 Datasheet
173Kb / 4P
   3M™ Shielded Controlled Impedance (SCI)
2006
9840-NLMR 3M-9840-NLMR Datasheet
173Kb / 4P
   3M™ Shielded Controlled Impedance (SCI)
2006
9840-NSM0 3M-9840-NSM0 Datasheet
173Kb / 4P
   3M™ Shielded Controlled Impedance (SCI)
2006
9840-NSMR 3M-9840-NSMR Datasheet
173Kb / 4P
   3M™ Shielded Controlled Impedance (SCI)
2006
More results

Similar Description - 9848

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com