Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM83040A Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM83040A
Description  LCD CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040A Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM83040A Datasheet HTML 1Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 2Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 3Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
* This specification are subject to be changed without notice.
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
EM83040A
LCD CONTROLLER
5.31.2001
GENERAL DESCRIPTION
The EM83040A is a dot matrix LCD driver which is fabricated by low power CMOS technology. This chip
includes 80- bits shift register , 80 bits data latch and 80 bits level driver. A LCD RAM inside can be mapping
to LCD signal. It converts RAM data to parallel data and output lcd waveform to LCD.
FEATURES
(1)
Supply power 2.6~6V
(2)
Internal RAM : 2.5k x 4 bits
(3)
RAM can be controlled by eight signals including four bit data bus.
(4)
LCD drive voltage :<13V
(5)
Duty: 1/32, 1/48, 1/80
(6)
Build in DC converter double and triple
(7)
Modularized function: connect to another 83040 to extent LCD matrix
(8)
One DC converter enabled and other 83040 can shared with this.
(9)
Internal regulator output for DC converter controlled by control register. (2.5V to 4.6V, 8 level)
(10) Chip form (EM83040AH), 128 pin package (14mmx20mm EM83040AAQ), 160 pin package (EM83040ABQ)
(11) Bias : 1/5 for 32 common, 1/7 for 48 common, 1/9 for 80 common. Fixed by internal circuit.
(12) Internal RC clock about 250 KHz.
APPLICATION
(1)
Data Bank
(2)
LCD toy
(3)
Education computer
PIN ASSIGNMENTS
VREG
EM83040ABQ


Similar Part No. - EM83040A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040AQ EMC-EM83040AQ Datasheet
289Kb / 20P
   EM83040 LCD DRIVER
More results

Similar Description - EM83040A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
   LCD Controller
logo
ELAN Microelectronics C...
EM83040B EMC-EM83040B Datasheet
419Kb / 22P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
   LCD Controller
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
   LCD Controller
logo
Renesas Technology Corp
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
   LCD Controller
logo
Generalplus Technology ...
GPLB30A GENERALPLUS-GPLB30A Datasheet
521Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com