Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM83040A Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM83040A
Description  LCD CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040A Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM83040A Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 9Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 10Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 11Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
* This specification are subject to be changed without notice.
EM83040A
LCD CONTROLLER
8
5.31.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC SUPPLY VOLTAGE
V+
<6
V
INPUT VOLTAGE
Vin
-0.5 TO Vdd
±0.5
V
OPERATING TEMPERATURE
Ta
0 TO 70
°C
RANGE
AC ELECTRICAL CHARACTERISTICS
Parameter
Sym.
Min.
Typ.
Max.
Unit
RC clock variable
Vrc
-20
+20
%
Frame period
Tframe
1/64
S
Load period
Tload
31
µS
Enable time
Ten
30
µS
Write low pulse
Tw
2
µS
Data hold time
Tdh
500
nS
Data to data time
Tdd
2
µS
Data valid time
Tdv
1500
nS
DC ELECTRICAL CHARACTERISTICS (T
A=0C ~ 70C, VDD=3V±5%, VSS=0V)
Parameter
Sym.
Min.
Typ.
Max.
Unit
Condition
Input High voltage
V
IH
2.0
V
Input Low current
V
IL
0.8
V
Output High current
I
OH
100
µAV
DD=3V
Input high voltage
I
OL
-100
µAV
DD=3V
Standby current
I
SD
14
µA
EN=1
Output high voltage
I
OP
130
160
µA
EN=0, MAIN =1(MASTER) ,
DC converter enable, INPUT=VDD
250kHz clock, No load
40
70
µA
EN=0 . MAIN =0 (SLAVE) ,
DC converter disable, INPUT=VDD
250kHz clock, No load
Current of a buffer (V1 toV5)
Ibuf
4
6
10
µA
Voltage variation of regulator
Vreg
V-0.1
V
V+0.1
V
Regulator current
Ireg
10
15
µA
Internal Bias resister
Rbias 1800
2000
2200
k


Similar Part No. - EM83040A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040AQ EMC-EM83040AQ Datasheet
289Kb / 20P
   EM83040 LCD DRIVER
More results

Similar Description - EM83040A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
   LCD Controller
logo
ELAN Microelectronics C...
EM83040B EMC-EM83040B Datasheet
419Kb / 22P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
   LCD Controller
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
   LCD Controller
logo
Renesas Technology Corp
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
   LCD Controller
logo
Generalplus Technology ...
GPLB30A GENERALPLUS-GPLB30A Datasheet
521Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com