Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM83040A Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM83040A
Description  LCD CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040A Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM83040A Datasheet HTML 3Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 9Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 10Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
* This specification are subject to be changed without notice.
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
EM83040A
LCD CONTROLLER
5.31.2001
(7) Control register
Address
Bit3
Bit2
Bit1
Bit0
2560
V_BIAS
Regulator2
Regulator1
regulator0
Initial : 0000
Bit2,1,0 : internal regulator output selection.
(regulator2, regulator1, regulator0)
Output voltage
(0,0,0)
2.5V
(0,0,1)
2.8V
(0,1,0)
3.1V
(0,1,1)
3.4V
(1,0,0)
3.7V
(1,0,0)
4.0V
(1,1,0)
4.3V
(1,1,1)
4.6V
Bit3 : internal Bias voltage selection
(V_BIAS)
BIAS voltage
0
VSS2
1
VSS3
Bias fromV1 to V5
1/5 bias
1/5 bias
1/7 bias
1/7 bias
1/9 bias
1/9 bias
V_BIAS=0
V_BIAS=1
V_BIAS=0
V_BIAS=1
V_BIAS=0
V_BIAS=1
V1
V2
V3
V2
V3
V2
V3
V2
V2*4/5
V3*4/5
V2*6/7
V3*6/7
V2*8/9
V3*8/9
V3
V2*3/5
V3*3/5
V2*5/7
V3*5/7
V2*7/9
V3*7/9
V4
V2*2/5
V3*2/5
V2*2/7
V3*2/7
V2*2/9
V3*2/9
V5
V2*1/5
V3*1/5
V2*1/7
V3*1/7
V2*1/9
V3*1/9
*V2=VREG*2*97%
*V3=VREG*3*95%


Similar Part No. - EM83040A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040AQ EMC-EM83040AQ Datasheet
289Kb / 20P
   EM83040 LCD DRIVER
More results

Similar Description - EM83040A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
   LCD Controller
logo
ELAN Microelectronics C...
EM83040B EMC-EM83040B Datasheet
419Kb / 22P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
   LCD Controller
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
   LCD Controller
logo
Renesas Technology Corp
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
   LCD Controller
logo
Generalplus Technology ...
GPLB30A GENERALPLUS-GPLB30A Datasheet
521Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com