Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM83040A Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM83040A
Description  LCD CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040A Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM83040A Datasheet HTML 1Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 2Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 3Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
* This specification are subject to be changed without notice.
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
EM83040A
LCD CONTROLLER
5.31.2001
PIN DESCRIPTIONS
Symbol
I/O
Function
VDD
Power
GND
power
Ground
VSS3
power
EN=0 and MAIN=1, 3*regulator output, EN=1 ,VSS3=VDD
VSS2
Power
EN=0 and MAIN=1, 2*regulator output, EN=1, VSS2=VDD
MAIN
I
Master or slave control signal.
MAIN=1 ,master unit
MAIN=0 , slave unit
EN
I
This pin control whole chip power. This chip will work when this pin is
connectted to ground. And whole chip will disable when connect to VDD voltage.
EN=0 and MAIN=1 the chip will generate VSS2, VSS3, LOAD signal and internal
RC clock.
EN=1, standby mode
M1
I
Mode select
M0
I
Mode select
RAMEN
RAM read and write control signal.
1 => can not read and write. 0=> can read and write.
RAMADS
RAM data select signal
1=> RAM Data , 0=>Address
RAMW
RAM write signal, low write
RAMR
RAM read signal, low read
RAMD3~
RAM data or address bus
RAMD0
LOAD
I/O
LCD load signal between one COMMON signal to another .
MAIN=1 , the master unit will output LOAD signal.
MAIN=0 , the slave will accept the signal from master unit.
VREG
power
regulator output, connect a capacitor to ground.
CA
I
Coupling capacitor
CB
I
Coupling capacitor
V1~V5
I
Reference voltage input ,highest V1..lowest V5
O1~O80
O
LCD waveform output
FUNCTION DESCRIPTIONS
(1) User can use MAIN pin to chose master unit or slave unit.
MAIN
Unit
Function
1
MASTER
Generate these signals
Load, VSS2, VSS3, Internal RC clock
0
SLAVE
Accept these signals
Load, V1, V2, V3, V4, V5
(2) User can use M1,M2 to chose four modes. As followed
MASTER
MAIN
M1
M0
Segment
Common
Bias
Mode1
1
0
0
Reserved for test
Mode2
1
0
1
O(80:1)=C(80:1)
1/9
Mode3
1
1
0
O(32:1)=S(32:1)
O(80:33)=C(48:1)
1/7
Mode4
1
1
1
O(48;1)=S(48:1)
O(80:49)=C(32:1)
1/5


Similar Part No. - EM83040A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040AQ EMC-EM83040AQ Datasheet
289Kb / 20P
   EM83040 LCD DRIVER
More results

Similar Description - EM83040A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
   LCD Controller
logo
ELAN Microelectronics C...
EM83040B EMC-EM83040B Datasheet
419Kb / 22P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
   LCD Controller
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
   LCD Controller
logo
Renesas Technology Corp
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
   LCD Controller
logo
Generalplus Technology ...
GPLB30A GENERALPLUS-GPLB30A Datasheet
521Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com