Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM83010 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM83010
Description  I/O EXPANDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83010 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

  EM83010 Datasheet HTML 1Page - ELAN Microelectronics Corp EM83010 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83010 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83010 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83010 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83010 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83010 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83010 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83010 Datasheet HTML 9Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image



   
   
   
   



   +$,)   -)"'"../
!       
9F°47/°41300F'313F3:


2
 23 4
8
48*2)
'
,?5

48# 
µ
$
48? $ 
µ
)*
= %*! 
µ

!  %
µ
 )
6 ) %
µ
6 )  % * @   @
%%  4
'
µ

0 %

 )
0 ) %
&

!  "   


Similar Part No. - EM83010

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040 EMC-EM83040 Datasheet
289Kb / 20P
   EM83040 LCD DRIVER
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
   LCD CONTROLLER
EM83040AAQ EMC-EM83040AAQ Datasheet
948Kb / 16P
   LCD CONTROLLER
EM83040ABQ EMC-EM83040ABQ Datasheet
948Kb / 16P
   LCD CONTROLLER
EM83040AQ EMC-EM83040AQ Datasheet
289Kb / 20P
   EM83040 LCD DRIVER
More results

Similar Description - EM83010

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
   CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
   CAN I/O Expander Family
12/08/06
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
ON Semiconductor
LC709006A ONSEMI-LC709006A Datasheet
121Kb / 14P
   I/O-Expander for Microcontroller
May, 2013 Ver.1.2
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com