Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMC0402X7R104K16TRPF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NMC0402X7R104K16TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC0402X7R104K16TRPF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NMC0402X7R104K16TRPF Datasheet HTML 1Page - NIC-Components Corp. NMC0402X7R104K16TRPF Datasheet HTML 2Page - NIC-Components Corp. NMC0402X7R104K16TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC0402X7R104K16TRPF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
NMC Series X7R
Multilayer Ceramic Chip Capacitors
X7R CAPACITOR SIZE CHART (mm)
EIA Case Size
0201
0402
0603
0805
Length (L)
0.6±0.03
1.0±0.05
1.6±0.15
2.0±0.2
Width (W)
0.3±0.03
0.5±0.05
0.8±0.15
1.25±0.2
Thickness max. (T)
0.3±0.03
0.6
1.0
1.35
Termination Width (P)
0.15±0.05
0.2±0.1
0.12 ~ 0.51
0.25 ~ 0.71
Capacitance
Working Voltage (Vdc)
16 25 50 10 16 25 50 10 16 25 50 100 10 16 25 50 100
47pF ~ 91pF
100pF ~ 470pF
510pF
560pF
620pF
680pF
750pF
820pF
910pF
0.001
μF
0.0012
μF
0.0015
μF
0.0018
μF
0.0022
μF
0.0027
μF
0.0030
μF
0.0033
μF
0.0039
μF
0.0047
μF
0.0056
μF
0.0068
μF
0.0075
μF
0.0082
μF
0.01
μF
0.012
μF
0.015
μF
0.018
μF
0.022
μF
0.033
μF
0.039
μF
0.047
μF
0.056
μF
0.068
μF
0.082
μF
0.1
μF
*
0.15
μF
***
0.18
μF
***
0.22
μF
***
0.33
μF
***
0.39
μF
****
0.47
μF
****
0.56
μF
***
0.68
μF
***
0.82
μF
***
*1.45mm maximum thickness
See NMC High CV series for values above 0.82
μF
(CONSULT FACTORY
FOR CAPACITANCE
VALUES NOT LISTED)
P
P
L
W
T
100% Sn over Ni barrier


Similar Part No. - NMC0402X7R104K16TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC0402X7R102K100TRP3KF NIC-NMC0402X7R102K100TRP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC0402X7R102K100TRPLP3KF NIC-NMC0402X7R102K100TRPLP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC0402X7R102K10TRP3KF NIC-NMC0402X7R102K10TRP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC0402X7R102K10TRPLP3KF NIC-NMC0402X7R102K10TRPLP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
NMC0402X7R102K16TRP3KF NIC-NMC0402X7R102K16TRP3KF Datasheet
361Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC0402X7R104K16TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com