Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KPLT1320BDX Datasheet(PDF) 3 Page - COSMO Electronics Corporation

Part # KPLT1320BDX
Description  FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLT1320BDX Datasheet(HTML) 3 Page - COSMO Electronics Corporation

  KPLT1320BDX Datasheet HTML 1Page - COSMO  Electronics Corporation KPLT1320BDX Datasheet HTML 2Page - COSMO  Electronics Corporation KPLT1320BDX Datasheet HTML 3Page - COSMO  Electronics Corporation KPLT1320BDX Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
SPECIFICATION
DATE:02/19/2004
NO.60F00004 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLT1320BD
SHEET 3 OF 4
1
4. Measuring method
(1).Measuring method of optical output coupling fiber
to be measured
Vin
GND
Vcc
| 0 dBm=1mW |
have the wavelength sensitivity of 650nm
Optical Power Meter must be calibrated to
PHOTOLINK Unit
Standard optical fiber cable
Optical Power Meter
(2).Measuring method of power dissipation current and input voltage
Vin
Vcc
GND
Icc
Vin
Vcc
Standard optical fiber cable
Optical Power Meter must be calibrated to
have the wavelength sensitivity of 650nm
| 0 dBm=1mW |
Optical Power Meter
PHOTOLINK Unit
to be measured
(3).Measuring method of Pulse response
6Mbps NRZ"1010" successive pattern
Input signal
to be measured
Input
Vin
Vcc
GND
Vcc
PHOTOLINK Unit
Standard optical fiber cable
CH2
Output signal
Oscilloscope
CH1
Standard receiver
50%
50%
PHL
PLH
Output signal (CH2)
Input signal (CH1)
Output signal (CH2)
Input signal (CH1)
VOH
VOL
tf
tr
50%
90%
50%
10%
t
t
tw= t
- t
PHL
PLH


Similar Part No. - KPLT1320BDX

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLT1320BD COSMO-KPLT1320BD Datasheet
445Kb / 3P
   Photo Link Connector
More results

Similar Description - KPLT1320BDX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141PL TOSHIBA-TOTX141PL Datasheet
370Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT2500M3X COSMO-KPLT2500M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M3X COSMO-KPLT1320M3X Datasheet
169Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320M1X COSMO-KPLT1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B0X COSMO-KPLT1320B0X Datasheet
145Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
Toshiba Semiconductor
TOTX173 TOSHIBA-TOTX173 Datasheet
117Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
COSMO Electronics Corp...
KPLT1320BSX COSMO-KPLT1320BSX Datasheet
106Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT2500M4X COSMO-KPLT2500M4X Datasheet
166Kb / 4P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
KPLT1320B COSMO-KPLT1320B Datasheet
450Kb / 3P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
logo
Toshiba Semiconductor
TOTX147 TOSHIBA-TOTX147 Datasheet
251Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com