Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6201C Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL6201C
Description  Low Power 430 MHz HFM Oscillator w/Disable
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6201C Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL6201C Datasheet HTML 1Page - Elantec Semiconductor EL6201C Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
EL6201C - Product Brief
Low Power 430 MHz HFM Oscillator w/Disable
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown. Elantec, Inc. reserves the right to make changes in the cir-
cuitry or specifications contained herein at any time without notice. Elantec, Inc. assumes no responsibility for the use of any circuits described
herein and makes no representations that they are free from patent infringement.
WARNING - Life Support Policy
Elantec, Inc. products are not authorized for and should not be used
within Life Support Systems without the specific written consent of
Elantec, Inc. Life Support systems are equipment intended to sup-
port or sustain life and whose failure to perform when properly used
in accordance with instructions provided can be reasonably
expected to result in significant personal injury or death. Users con-
templating application of Elantec, Inc. Products in Life Support
Systems are requested to contact Elantec, Inc. factory headquarters
to establish suitable terms & conditions for these applications. Elan-
tec, Inc.’s warranty is limited to replacement of defective
components and does not cover injury to persons or property or
other consequential damages.
Printed in U.S.A.
Elantec Semiconductor, Inc.
675 Trade Zone Blvd.
Milpitas, CA 95035
Telephone: (408) 945-1323
(888) ELANTEC
Fax:
(408) 945-9305
European Office: +44-118-977-6020
Japan Technical Center: +81-45-682-5820


Similar Part No. - EL6201C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6201CW-T7 INTERSIL-EL6201CW-T7 Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
EL6201CW-T7 INTERSIL-EL6201CW-T7 Datasheet
233Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
logo
Renesas Technology Corp
EL6201CW-T7 RENESAS-EL6201CW-T7 Datasheet
641Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Intersil Corporation
EL6201CW-T7A INTERSIL-EL6201CW-T7A Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
EL6201CW-T7A INTERSIL-EL6201CW-T7A Datasheet
233Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
More results

Similar Description - EL6201C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
250 MHz Triple Current Feedback Amp w/Disable
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
Triple 80 MHz Video Amplifier w/Disable
EL6200C ELANTEC-EL6200C Datasheet
35Kb / 2P
450 MHz HFM Oscillator
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
EL6201 INTERSIL-EL6201_07 Datasheet
233Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
logo
KR Electronics, Inc.
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
logo
Infineon Technologies A...
PXAD214218FV INFINEON-PXAD214218FV Datasheet
391Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30
logo
Cree, Inc
PXAD214218FV CREE-PXAD214218FV Datasheet
524Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
logo
Renesas Technology Corp
EL6201 RENESAS-EL6201 Datasheet
641Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com