Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0205F50200AHF Datasheet(PDF) 4 Page - Anaren Microwave

Part # B0205F50200AHF
Description  Ultra Low Profile 1608 Balun 50 to 200 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0205F50200AHF Datasheet(HTML) 4 Page - Anaren Microwave

  B0205F50200AHF Datasheet HTML 1Page - Anaren Microwave B0205F50200AHF Datasheet HTML 2Page - Anaren Microwave B0205F50200AHF Datasheet HTML 3Page - Anaren Microwave B0205F50200AHF Datasheet HTML 4Page - Anaren Microwave B0205F50200AHF Datasheet HTML 5Page - Anaren Microwave B0205F50200AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model B0205F50200AHF
Rev. A
Application in ADC Frontend:
Modern Analog-to-Digital Converter (ADC) system often uses differential architecture to suppress the even-order
harmonics, minimize noise interference and keep dynamic range high. The performance of ADC system is heavily
influenced by amplitude and phase imbalances arising from the ADC frontend, especially in high frequency
applications. Anaren’s multi-layer balun B0205F50200AHF offers superb amplitude and phase balance performance
over wide frequency range, translating to excellent SFDR performance of the ADC system. B0205F50200AHF is a
ferrite free design eliminating related inter-modulation and other non-linear effects. B0205F50200AHF has impendence
transforming ratio of 1:4 with voltage gain of 6dB higher than 1:1 balun, which reduces the input drive requirement.
Anaren’s highly repeatable manufacturing process results in little part to part variation, ensuring consistent
performance in production.
A typical ADC front end application is shown below. In conjunction with many high speed ADC ICs, bandwidth of
100MHz to 250MHz can be obtained for -1dB ripple of gain flatness. R1 and R2, in shunt with the input impedance of
ADC, supply the balun with required differential load. The series resistors, R5 and R6 are used to limit the amount of
charge injection from the unbuffered ADC back into the analog input. Optional RC circuits, R3, R4, C4 and C5 further
improve SDFR in many circumstances by supplying an additional current path to neutralize the charge injection. These
values are also chosen to limit or extend the ADC application bandwidth.
A low frequency solution can be realized by adding additional tuning components C6, L1 and L2. The -1dB ripple of
gain flatness is achieved for IF band of 50MHz to 110MHz.
ADC frontend schematic for IF 100 MHz to 250MHz
using B0205F50200AHF
ADC frontend schematic for IF 50MHz to 110MHz
using B0205F50200AHF


Similar Part No. - B0205F50200AHF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com