Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0205F50200AHF Datasheet(PDF) 2 Page - Anaren Microwave

Part # B0205F50200AHF
Description  Ultra Low Profile 1608 Balun 50 to 200 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0205F50200AHF Datasheet(HTML) 2 Page - Anaren Microwave

  B0205F50200AHF Datasheet HTML 1Page - Anaren Microwave B0205F50200AHF Datasheet HTML 2Page - Anaren Microwave B0205F50200AHF Datasheet HTML 3Page - Anaren Microwave B0205F50200AHF Datasheet HTML 4Page - Anaren Microwave B0205F50200AHF Datasheet HTML 5Page - Anaren Microwave B0205F50200AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model B0205F50200AHF
Rev. A
Typical Broadband Performance: 0 - 8.0 GHz.
Return Loss - Input
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]
Insertion Loss
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
Frequency [MHz]
Amplitude Balance
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Frequency [MHz]
Phase Balance
-20
-15
-10
-5
0
5
10
15
20
Frequency [MHz]
CM RR
-50
-47
-44
-41
-38
-35
-32
-29
-26
-23
-20
-17
-14
-11
-8
-5
-2
Frequency [MHz]


Similar Part No. - B0205F50200AHF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com