Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0205F50200AHF Datasheet(PDF) 1 Page - Anaren Microwave

Part # B0205F50200AHF
Description  Ultra Low Profile 1608 Balun 50 to 200 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0205F50200AHF Datasheet(HTML) 1 Page - Anaren Microwave

  B0205F50200AHF Datasheet HTML 1Page - Anaren Microwave B0205F50200AHF Datasheet HTML 2Page - Anaren Microwave B0205F50200AHF Datasheet HTML 3Page - Anaren Microwave B0205F50200AHF Datasheet HTML 4Page - Anaren Microwave B0205F50200AHF Datasheet HTML 5Page - Anaren Microwave B0205F50200AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model B0205F50200AHF
Rev A
Ultra Low Profile 1608 Balun
50
to 200
Balanced
Description
The B0205F50200AHF is a low profile sub-miniature balanced to unbalanced
transformer designed for differential input locations on data conversion devices (A to
D converters). In an easy to use surface mount package covering 200 MHz to 500
MHz and superior CMRR performance, this transformer is optimized to offer
improved SFDR management during operation of the data converter device. The
B0205F50200AHF is ideal for high volume manufacturing and is higher performance
and
smaller
form
factor
than
traditional
wire
wound
transformers.
The
B0205F50200AHF has an unbalanced port impedance of 50
and a 200
balanced
port impedance. This transformation enables single ended signals to be applied to
differential ports on the data converter devices. The output ports have equal
amplitude (-3dB) with 180 degree phase differential. The B0205F50200AHF is
available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
200
500
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
200
Return Loss
13.9
17.7
dB
Insertion Loss*
1.3
1.6
dB
Amplitude Balance
0.1
0.4
dB
Phase Balance
1.3
3.1
Degrees
CMRR
38.2
dB
Power Handling
2
Watts
Features:
• 125 –700 MHz (IL 3dB BW)
• 200 – 500 MHz (IL 1dB BW)
• 0.83 mm Height Profile
• 50 Ohm to 2 x 100 Ohm
• Excellent CMRR
• Input to Output DC Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Top Surface
• RoHS Compliant
• Halogen Free
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
Dimensions are in Millimeters
2
1 Input
NC
Pin Designation
3
4
5
Open
GND
GND
7
6 Balanced port 1
NC
Pin Designation
8
9
10
GND
GND
Balanced port 2
.89±.08
4.10±.10
2.10±.10
4x .955
4x .350
4x .280
10x .300
10x .220
2x .350
Orientation
Marker
Orientation
Marker
1
2
3
4
5
8
7
6
10
9
Top View (Near-side)
Side View
Bottom View (Far-side)


Similar Part No. - B0205F50200AHF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com