Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0205F50200AHF Datasheet(PDF) 5 Page - Anaren Microwave

Part # B0205F50200AHF
Description  Ultra Low Profile 1608 Balun 50 to 200 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

B0205F50200AHF Datasheet(HTML) 5 Page - Anaren Microwave

  B0205F50200AHF Datasheet HTML 1Page - Anaren Microwave B0205F50200AHF Datasheet HTML 2Page - Anaren Microwave B0205F50200AHF Datasheet HTML 3Page - Anaren Microwave B0205F50200AHF Datasheet HTML 4Page - Anaren Microwave B0205F50200AHF Datasheet HTML 5Page - Anaren Microwave B0205F50200AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model B0205F50200AHF
Rev A
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from organic PTFE based composites which possess excellent
electrical and mechanical stability. Xinger components are compliant to a variety of ROHS and Green standards and
ready for Pb-free soldering processes. Pads are Gold plated with a Nickel barrier.
To supply common mode voltage offset to the analog-to-digital converter, DC blocking capacitors are
needed at the balanced port (pins 6 & 8).
An example of the PCB footprint used in the testing of these parts is shown below. In specific designs, the
transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying
pick and place equipment tolerances.
Circuit Pattern
Footprint Pad (s)
Solder Resist
1.01 2x
4.02
.29 6x
.21 4x
.36 10x
.29 10x
3x
Transmission
Line
Plated thru
hole(s) to
Ground
1.66 2x
.89 4x
PART ORIENTATION (TOP VIEW)
Mounting Footprint
Dimensions are in Millimeters


Similar Part No. - B0205F50200AHF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com