Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7335 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX7335
Description  1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7335 Datasheet(HTML) 1 Page - California Eastern Labs

  NX7335 Datasheet HTML 1Page - California Eastern Labs NX7335 Datasheet HTML 2Page - California Eastern Labs NX7335 Datasheet HTML 3Page - California Eastern Labs NX7335 Datasheet HTML 4Page - California Eastern Labs NX7335 Datasheet HTML 5Page - California Eastern Labs NX7335 Datasheet HTML 6Page - California Eastern Labs NX7335 Datasheet HTML 7Page - California Eastern Labs NX7335 Datasheet HTML 8Page - California Eastern Labs NX7335 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LASER DIODE
NX7335 Series
1 310 nm InGaAsP MQW-FP LASER DIODE
COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
1550nm OTDR APPLICATION
DIODE MODULE
Document No. PL10756EJ01V0DS (1st edition)
Date Published July 2009 NS
NX7335AN-AA
NX7335BN-AA
DESCRIPTION
The NX7335 Series is a 1 310 nm Multiple Quantum Well (MQW)
structured Fabry-Perot (FP) laser diode coaxial module with single mode
fiber.
This module is specified to operate under pulsed condition and
designed for light source of Optical Time Domain Reflectometer (OTDR).
FEATURES
• High output power
Pf = 40 mW @ IFP = 200 mA
*1
• Long wavelength
C = 1 310 nm
• Built-in monitor PD
*1 Pulse Conditions: Pulse width (PW) = 10
s, Duty = 1%


Similar Part No. - NX7335

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7335 RENESAS-NX7335 Datasheet
187Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7335AN-AA RENESAS-NX7335AN-AA Datasheet
187Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7335BN-AA RENESAS-NX7335BN-AA Datasheet
187Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
NX7335 RENESAS-NX7335_15 Datasheet
180Kb / 11P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MONITOR PD FOR OTDR APPLICATION
More results

Similar Description - NX7335

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7337BJ-AA CEL-NX7337BJ-AA Datasheet
209Kb / 7P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7337BJ-AA RENESAS-NX7337BJ-AA_15 Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
PL10757EJ01V0DS RENESAS-PL10757EJ01V0DS Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
California Eastern Labs
NX7337BF-AA CEL-NX7337BF-AA Datasheet
860Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA CEL-NX7338BF-AA Datasheet
877Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA CEL-NX7339BB-AA Datasheet
882Kb / 5P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com