Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX7337BJ-AA Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX7337BJ-AA
Description  1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7337BJ-AA Datasheet(HTML) 3 Page - California Eastern Labs

  NX7337BJ-AA Datasheet HTML 1Page - California Eastern Labs NX7337BJ-AA Datasheet HTML 2Page - California Eastern Labs NX7337BJ-AA Datasheet HTML 3Page - California Eastern Labs NX7337BJ-AA Datasheet HTML 4Page - California Eastern Labs NX7337BJ-AA Datasheet HTML 5Page - California Eastern Labs NX7337BJ-AA Datasheet HTML 6Page - California Eastern Labs NX7337BJ-AA Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet PL10757EJ01V0DS
3
NX7337BJ-AA
OPTICAL FIBER CHARACTERISTICS
Parameter
Specification
Unit
Mode Field Diameter
50
3
m
Cladding Diameter
125
2
m
Maximum Cladding Noncircularity
2
%
Maximum Core/Cladding Concentricity
4
%
Outer Diameter
0.9
0.1
mm
Minimum Fiber Bending Radius
30
mm
Fiber Length
1 000 MIN.
mm


Similar Part No. - NX7337BJ-AA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7337BJ-AA RENESAS-NX7337BJ-AA Datasheet
786Kb / 10P
LASER DIODE
2009
NX7337BJ-AA RENESAS-NX7337BJ-AA_15 Datasheet
216Kb / 10P
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
More results

Similar Description - NX7337BJ-AA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7337BF-AA CEL-NX7337BF-AA Datasheet
860Kb / 5P
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA CEL-NX7338BF-AA Datasheet
877Kb / 5P
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA CEL-NX7339BB-AA Datasheet
882Kb / 5P
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7335 CEL-NX7335 Datasheet
258Kb / 9P
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7337BJ-AA RENESAS-NX7337BJ-AA_15 Datasheet
216Kb / 10P
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
PL10757EJ01V0DS RENESAS-PL10757EJ01V0DS Datasheet
216Kb / 10P
1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com