Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR18650ZY Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # UR18650ZY
Description  Lithium Ion
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

UR18650ZY Datasheet(HTML) 1 Page - Panasonic Battery Group

  UR18650ZY Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lithium Ion
The data in this document is for descriptive purposes only and is not intended to make or imply any guarantee or warranty.
Charge Characteristics
Cycle Life Characteristics
Discharge Characteristics (by temperature)
Discharge Characteristics (by rate of discharge)
Features & Benefits
Dimensions
Specifications
For more information on how Panasonic can assist you with your battery power solution needs, visit us at
www.panasonic.com/industrial/batteries-oem or e-mail secsales@us.panasonic.com.
(1) At 20°C (2) At 25°C (3) Energy density based on bare cell dimensions
UR18650ZY
• High energy density and
voltage
• Long, stable power with a
flat discharge voltage
• Ideal for notebook PCs,
handheld devices, etc.
Max. 18.6 mm
Charge:
CC-CV 0.7C (max) 4.20V, 50mA cut-off at 25°C
Discharge: CC 1C, 3.0V cut-off at 25°C
Charge:
CC-CV 0.7C (max) 4.20V, 50mA cut-off at 20°C
Charge:
CC-CV 0.7C (max) 4.20V, 50mA cut-off at 20°C
Discharge: CC 1C, 2.75V cut-off at each temperature
Charge:
CC-CV 0.7C (max) 4.20V, 50mA cut-off at 20°C
Discharge: CC, 2.75V cut-off at 20°C
Rated capacity(1)
Min. 2450mAh
Capacity(2)
Min. 2500mAh
Typ. 2600mAh
Nominal voltage
3.7V
Charging
CC-CV, Std. 1750mA, 4.20V, 3.0 hrs
Weight (max.)
48.0 g
Temperature
Charge:
0 to +45°C
Discharge:
-20 to +60°C
Storage:
-20 to +50°C
Energy density(3)
Volumetric:
535 Wh/l
Gravimetric:
193 Wh/kg
(+)
(–)
*With tube
For Reference Only


Similar Part No. - UR18650ZY

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
UR18650ZT PANASONICBATTERY-UR18650ZT Datasheet
522Kb / 1P
   Lithium Ion
logo
Panasonic Semiconductor
UR18650ZTA PANASONIC-UR18650ZTA Datasheet
512Kb / 1P
   Lithium Ion
More results

Similar Description - UR18650ZY

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
UF463450FP PANASONICBATTERY-UF463450FP Datasheet
520Kb / 1P
   Lithium Ion
UF514657FV PANASONICBATTERY-UF514657FV Datasheet
521Kb / 1P
   Lithium Ion
UF515148ST PANASONICBATTERY-UF515148ST Datasheet
515Kb / 1P
   Lithium Ion
UF553443ZU PANASONICBATTERY-UF553443ZU Datasheet
525Kb / 1P
   Lithium Ion
UF583136R PANASONICBATTERY-UF583136R Datasheet
512Kb / 1P
   Lithium Ion
UPF574199 PANASONICBATTERY-UPF574199 Datasheet
525Kb / 1P
   Lithium Ion
UF653039SU PANASONICBATTERY-UF653039SU Datasheet
521Kb / 1P
   Lithium Ion
UF703141FU PANASONICBATTERY-UF703141FU Datasheet
515Kb / 1P
   Lithium Ion
UR14500P PANASONICBATTERY-UR14500P Datasheet
536Kb / 1P
   Lithium Ion
UF103450PN PANASONICBATTERY-UF103450PN Datasheet
529Kb / 1P
   Lithium Ion
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com