Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE32584 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NE32584
Description  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE32584 Datasheet(HTML) 1 Page - California Eastern Labs

  NE32584 Datasheet HTML 1Page - California Eastern Labs NE32584 Datasheet HTML 2Page - California Eastern Labs NE32584 Datasheet HTML 3Page - California Eastern Labs NE32584 Datasheet HTML 4Page - California Eastern Labs NE32584 Datasheet HTML 5Page - California Eastern Labs NE32584 Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
• VERY LOW NOISE FIGURE:
0.45 dB Typical at 12 GHz
• HIGH ASSOCIATED GAIN:
12.5 dB Typical at 12 GHz
•LG
≤ 0.20 µm, WG = 200 µm
• LOW COST METAL CERAMIC PACKAGE
• TAPE & REEL PACKAGING OPTION AVAILABLE
ULTRA LOW NOISE
PSEUDOMORPHIC HJ FET
NE32584C
DESCRIPTION
The NE32584C is a pseudomorphic Hetero-Junction FET that
uses the junction between Si-doped AlGaAs and undoped
InGaAs to create very high mobility electrons. The device
features mushroom shaped TiAl gates for decreased gate
resistance and improved power handling capabilities. The
mushroom gate also results in lower noise figure and high
associated gain. This device is housed in an epoxy-sealed,
metal/ceramic package and is intended for high volume con-
sumer and industrial applications.
NEC's stringent quality assurance and test procedures assure
the highest reliability and performance.
PART NUMBER
NE32584C
PACKAGE OUTLINE
84C
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NF1
Optimum Noise Figure, VDS = 2 V, IDS = 10 mA, f = 12 GHz
dB
0.45
0.55
GA1
Associated Gain, VDS = 2 V, IDS = 10 mA, f = 12 GHz
dB
11.0
12.5
IDSS
Saturated Drain Current, VDS = 2 V,VGS = 0 V
mA
20
60
90
VP
Pinch-off Voltage, VDS = 2 V, IDS = 100
µA
V
-2.0
-0.7
-0.2
gm
Transconductance, VDS = 2 V, ID = 10 mA
mS
45
60
IGSO
Gate to Source Leakage Current, VGS = -3 V
µA
0.5
10.0
RTH (CH-A)
Thermal Resistance (Channel to Ambient)
°C/W
750
RTH (CH-C)
Thermal Resistance (Channel to Case)
°C/W
350
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
VDS = 2 V, IDS = 10 mA
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Note:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established on the production line
as a "go-no-go" screening tuned for the "generic" type but not each specimen.
Frequency, f (GHz)
California Eastern Laboratories
GA
NF
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
6
8
10
20
30
24
21
18
15
12
9
6


Similar Part No. - NE32584

ManufacturerPart #DatasheetDescription
logo
NEC
NE32584 NEC-NE32584 Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE32584C NEC-NE32584C Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE32584C NEC-NE32584C Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C-S NEC-NE32584C-S Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C-SL NEC-NE32584C-SL Datasheet
73Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE32584

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE24283B CEL-NE24283B Datasheet
49Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com