Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L0201C2N4SRMST Datasheet(PDF) 20 Page - Kemet Corporation

Part # L0201C2N4SRMST
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0201C2N4SRMST Datasheet(HTML) 20 Page - Kemet Corporation

Back Button L0201C2N4SRMST Datasheet HTML 16Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 17Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 18Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 19Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 20Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 21Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 22Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 23Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 24Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
20
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Q
min.
Minimum Self
Resonant
Frequency (MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum
Rated Current
(mA)
Measuring
Frequency
(MHz)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
L0805CR10MPMST
0.10
±20%
15
235
0.16
500
25
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805CR15MPMST
0.15
±20%
15
200
0.20
500
25
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805CR22MPMST
0.22
±20%
15
170
0.23
400
25
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805CR33MPMST
0.33
±20%
15
145
0.28
400
25
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805CR47MPMST
0.47
±20%
15
125
0.32
400
25
1.25 ±0.2 (0.049 ±0.008)
2,000
L0805CR68MPMST
0.68
±20%
15
105
0.45
300
25
1.25 ±0.2 (0.049 ±0.008)
2,000
L0805C1R0MPMST
1.0
±20%
20
75
0.26
220
10
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C1R5MPMST
1.5
±20%
20
60
0.28
170
10
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C2R2MPMST
2.2
±20%
20
50
0.35
150
10
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C3R3MPMST
3.3
±20%
20
41
0.43
130
10
1.25 ±0.2 (0.049 ±0.008)
2,000
L0805C4R7MPMST
4.7
±20%
20
35
0.48
80
10
1.25 ±0.2 (0.049 ±0.008)
2,000
L0805C6R8MPMST
6.8
±20%
20
29
0.52
70
4
1.25 ±0.2 (0.049 ±0.008)
2,000
L0805C100MPMST
10.0
±20%
20
24
0.65
60
2
1.25 ±0.2 (0.049 ±0.008)
2,000
0805 Case Size Multilayer Chip Inductors (L-PMS Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum
Inductance at
200mA (μH)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
L0603C4R7MPMST
4.7
±20%
20
0.45
60
4
0.80 ±0.15 (0.031 ±0.006)
4,000
L0603C100MPMST
10.0
±20%
20
0.85
50
2
0.80 ±0.15 (0.031 ±0.006)
4,000
0603 Case Size Multilayer Chip Inductors (L-PMS Series)
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Minimum
Inductance at
200mA (μH)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (mA)
Measuring
Frequency
(MHz)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
L1008C2R2MDMIT
2.2
±20%
1.5
0.09
1300
1
1.0 max (0.039 max)
4,000
L1008C3R3MDMIT
3.3
±20%
2.0
0.10
1200
1
1.0 max (0.039 max)
4,000
L1008C4R7MDMIT
4.7
±20%
2.5
0.15
1100
1
1.0 max (0.039 max)
4,000
1008 Case Size Multilayer Chip Inductors (L-DMI Series)


Similar Part No. - L0201C2N4SRMST

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L0201XXXXHSTR AVX-L0201XXXXHSTR Datasheet
113Kb / 2P
   Accu-L짰 0201 Tight Tolerance
More results

Similar Description - L0201C2N4SRMST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com