![]() |
Electronic Components Datasheet Search |
|
L0201C2N4SRMST Datasheet(PDF) 4 Page - Kemet Corporation |
|
|
L0201C2N4SRMST Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 4 Features: Operating Temperature: • Small size wound chip inductor with low DC resistance • - ºC to +105ºC (including self-generated heat) • Dimension without directional influence on mountability and characteristics Applications: • Digital Still Cameras (DSC), Digital Video Cameras (DVC), PDA’s and other portable digital equipment • Portable telephones and wireless LAN Inductance Examples: 3N9 = 0.0039μH 1R0 = 1.0μH 10N = 0.01μH 100 = 10μH R10 = 0.1μH 101 = 100μH Inductance Tolerance K = ±10%, M = ±20% Inductor L C 0805 100 M PWS T E T W L Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series Part Numbering Table Dimension Table in millimeters (inches) Case Size (EIA) 0603 1007 0805 1207 0806 EIA Case Code Metric Dim. Code L Length (inches) W Width (inches) T Thickness Maximum (inches) E (inches) 0603 1608 1.6 ±0.1 (0.063 ±0.004) 0.8 ±0.1 (0.031 ±0.004) 0.8 ±0.1 (0.031 ±0.004) 0.35 ±0.2 (0.014 ±0.008) 0805 2012 2.0 ±0.2 (0.079 ±0.008) 1.25 ±0.2 (0.049 ±0.008) 1.25 ±0.2 (0.049 ±0.008) 0.5 ±0.2 (0.02 ±0.008) 0806 2016 2.0 ±0.2 (0.079 ±0.008) 1.6 ±0.2 (0.063 ±0.008) 1.6 ±0.2 (0.063 ±0.008) 0.5 ±0.2 (0.02 ±0.008) 1007 2518 2.5 ±0.2 (0.098 ±0.008) 1.8 ±0.2 (0.072 ±0.008) 1.8 ±0.2 (0.072 ±0.008) 0.5 ±0.2 (0.02 ±0.008) 1207 3218 3.2 ±0.2 (0.128 ±0.008) 1.8 ±0.2 (0.072 ±0.008) 1.8 ±0.2 (0.072 ±0.008) 0.6 ±0.2 (0.024 ±0.008) Type PWS = Standard Type PWI = High Current Type PWR = Low Rdc Type PWF = Bottom Surface Electrode (See Part Number Table) Specification C = Commercial B = Bottom Surface Electrode R - Low Rdc Type Packaging Code T = Tape & Reel |
Similar Part No. - L0201C2N4SRMST |
|
Similar Description - L0201C2N4SRMST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |