Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L0201C2N4SRMST Datasheet(PDF) 27 Page - Kemet Corporation

Part # L0201C2N4SRMST
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0201C2N4SRMST Datasheet(HTML) 27 Page - Kemet Corporation

Back Button L0201C2N4SRMST Datasheet HTML 23Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 24Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 25Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 26Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 27Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 28Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 29Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 30Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 31Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
27
Ordering Code
Impedance
(
Ω
Ω) ±25%
Measuring Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (mA)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z0201C220ASMST
22
100
0.10
500
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C330ASMST
33
100
0.20
350
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C800ASMST
80
100
0.40
200
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C121ASMST
120
100
0.50
200
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C241ASMST
240
100
0.80
200
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C600BSMST
60
100
0.40
200
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C121BSMST
120
100
0.50
200
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C241BSMST
240
100
0.80
200
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C100CSMST
10
100
0.40
200
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C220CSMST
22
100
0.50
200
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C330CSMST
33
100
0.80
150
0.30 ±0.03 (0.012 ±0.001)
15,000
Z0201C470CSMST
47
100
1.00
150
0.30 ±0.03 (0.012 ±0.001)
15,000
Ordering Code
Impedance
(
Ω
Ω) ±25%
Measuring Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (mA)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z0402C680ESMST
68
100
0.17
500
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C121ESMST
120
100
0.24
450
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C241ESMST
240
100
0.31
400
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C431ESMST
430
100
0.50
350
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C601ESMST
600
100
0.60
300
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C100ASMST
10
100
0.05
1000
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C330ASMST
33
100
0.10
700
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C680ASMST
68
100
0.13
600
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C121ASMST
120
100
0.23
500
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C241ASMST
240
100
0.33
400
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C601ASMST
600
100
0.58
300
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C121BSMST
120
100
0.25
300
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C241BSMST
240
100
0.36
300
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C471BSMST
470
100
0.56
250
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C601BSMST
600
100
0.59
250
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C102BSMST
1000
100
0.80
150
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C100CSMST
10
100
0.15
500
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C220CSMST
22
100
0.20
400
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C330CSMST
33
100
0.30
400
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C470CSMST
47
100
0.35
350
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C680CSMST
68
100
0.31
400
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C121CSMST
120
100
0.45
350
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C181CSMST
180
100
0.53
300
0.50 ±0.05 (0.020 ±0.002)
10,000
Z0402C241CSMST
240
100
0.70
250
0.50 ±0.05 (0.020 ±0.002)
10,000
Ordering Code
Impedance
(
Ω
Ω) ±25%
Measuring Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (mA)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z0402C121APMST
120
100
0.14
1000
0.50 ±0.05 (0.020 ±0.002)
10,000
0201 Multilayer Ferrite Chip Beads Standard Type (Z-SMS Series)
0402 Multilayer Ferrite Chip Beads Standard Type (Z-SMS Series)
0402 Multilayer Ferrite Chip Beads For Power Lines (Z-PMS Series)
Multilayer Ferrite Chip Beads - Z-SMS, Z-PMS Series


Similar Part No. - L0201C2N4SRMST

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L0201XXXXHSTR AVX-L0201XXXXHSTR Datasheet
113Kb / 2P
   Accu-L짰 0201 Tight Tolerance
More results

Similar Description - L0201C2N4SRMST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com