Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L0201C2N4SRMST Datasheet(PDF) 23 Page - Kemet Corporation

Part # L0201C2N4SRMST
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0201C2N4SRMST Datasheet(HTML) 23 Page - Kemet Corporation

Back Button L0201C2N4SRMST Datasheet HTML 19Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 20Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 21Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 22Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 23Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 24Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 25Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 26Page - Kemet Corporation L0201C2N4SRMST Datasheet HTML 27Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
23
Features:
Applications:
• Power supply units:
• Combats power line radiated and conducted noise
Large withstand voltage (allowable current up to 6A)
• Provides waveform correction of digital signals and high frequency noise
Resistant to high energy
countermeasures in various types of digital equipment
High reliability
• Automotive
• There are several variations of the standard (Z-PWS) type (10th digit in part number)
• Computer peripherals
“A” for broadband
• Differential transmission line on USB and similar products
“B” for upper MHz range applications
• Mobile devices which require lower power consumption
“G” for GHz range applications
• The Z-PWZ type is optimal for circuit designs which require impedance and large
Operating Temperature:
currents to combat radiated noise on power lines, etc.
• -40ºC to +
125ºC (includes self-generated heat)
Characteristic
Code
EIA
Case
Size
Metric
Dim.
Code
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
Z-PWS
0603
1608
1.6 ±0.2
(0.063 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.3 ±0.2
(0.012 ±0.008)
0805
2125
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.85 ±0.2
(0.02 ±0.002)
0.5 ±0.3
(0.020 ±0.012)
1206
3216
3.2 ±0.3
(0.126 ±0.012)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
1806
4516
4.5 ±0.3
(0.177 ±0.012)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
Z-PWZ
0603
1608
1.6 ±0.1
(0.063 ±0.004)
0.8 ±0.1
(0.031 ±0.004)
0.8 ±0.1
(0.031 ±0.004)
0.3 ±0.15
(0.012 ±0.006)
0805
2012
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.85 ±0.2
(0.02 ±0.002)
0.5 ±0.3
(0.020 ±0.012)
0806
2016
2.0 ±0.2
(0.079 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
1206
3216
3.2 ±0.3
(0.126 ±0.012)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
1210
3225
3.2 ±0.3
(0.126 ±0.012)
2.5 ±0.3
(0.098 ±0.012)
2.5 ±0.3
(0.098 ±0.012)
0.5 ±0.3
(0.020 ±0.012)
1806
4516
4.5 ±0.3
(0.177 ±0.012)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.3
(0.020 ±0.012)
1810
4525
4.5 ±0.4
(0.177 ±0.016)
2.5 ±0.3
(0.098 ±0.012)
2.5 ±0.3
(0.098 ±0.012)
0.9 ±0.6
(0.035 ±0.024)
1812
4532
4.5 ±0.4
(0.177 ±0.016)
3.2 ±0.3
(0.126 ±0.012)
3.2 ±0.3
(0.126 ±0.012)
0.9 ±0.6
(0.035 ±0.024)
E
T
W
L
High Current Ferrite Chip Beads - Z-PWS/Z-PWZ Series
Part Numbering Table
Dimension Table in millimeters (inches)
High Current Ferrite Chip Beads - Z-PWS, Z-PWZ Series
Impedance
Examples: 330 = 33ΩΩ; 111 = 110ΩΩ; 132 = 1300ΩΩ
Material
A,B,C,D,E,F,G
Contact KEMET for materials characteristics
Ferrite Bead
Z
C
1206
330
G
PWS
T
Case Size
Z-PWS = 0603, 0805, 1206, 1806
Z-PWZ = 0603, 0805, 0806, 1206,
1210, 1806, 1810, 1812
Type
PWS = Regular type
PWZ = High current
Specification
C = Commercial
Packaging Code
T = Tape & Reel


Similar Part No. - L0201C2N4SRMST

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
L0201XXXXHSTR AVX-L0201XXXXHSTR Datasheet
113Kb / 2P
Accu-L짰 0201 Tight Tolerance
More results

Similar Description - L0201C2N4SRMST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Kemet Corporation
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
Surface Mount Ferrite Products Inductors & Ferrite Beads
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads
09.20.13
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com