![]() |
Electronic Components Datasheet Search |
|
L0201C2N4SRMST Datasheet(PDF) 16 Page - Kemet Corporation |
|
|
L0201C2N4SRMST Datasheet(HTML) 16 Page - Kemet Corporation |
16 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 16 Features: Operating Temperature: • Internal printed coil structure creates a closed magnetic circuit • -40ºC to +85ºC which acts as a magnetic shield eliminating crosstalk, thus permitting higher mounting densities. • Multilayer block structure yields higher reliability • The smallest mH inductors in the world (SMS 0402 Series) • Low DC power dissipation due to Low Rdc with High Aspect Ratio internal conductor that stands on the Green Sheet and Printing technologies (DMI Series) Applications: • Any general circuit in portable equipment in which a compact size and high mounting densities are required (SMS Series) • Separation of analog and digital circuits (PMS Series) • Prevents interference between PLL and other digital circuits (PMS Series) • DC/DC convertor for mobile equipment, cellular phones, DSC and DVC (PMS Series) EIA Case Size Metric Dim. Code L Length (inches) W Width (inches) T Thickness Maximum (inches) E (inches) 0402 1005 1.0 ±0.05 (0.039 ±0.002) 0.50 ±0.05 (0.020 ±0.002) 0.50 ±0.05 (0.020 ±0.002) 0.25 ±0.10 (0.010 ±0.004) 0603 1608 1.6 ±0.15 (0.063 ±0.006) 0.8 ±0.15 (0.031 ±0.006) 0.8 ±0.15 (0.031 ±0.006) 0.3 ±0.2 (0.012 ±0.008) 0805 2125 2.0 +0.3/-0.1 (0.079 _0.012/-0.004) 1.25 ±0.2 (0.049 ±0.008) 0.85 ±0.2 1.25 ±0.2 (0.033 ±0.008) (0.049 ±0.008) 0.5 ±0.2 (0.02 ±0.008) 1008 2520 2.5 ± 0.2 (0.098 ± 0.008) 2.0 ± 0.2 (0.079 ± 0.008) 1.0 Max. (0.039) 0.5 ± 0.3 (0.02 ± 0.012) E T W L Multilayer Chip Inductors - L-SMS/L-PMS/L-DMI Series Part Numbering Table Dimension Table in millimeters (inches) Inductance Examples: 47N = 0.047μH 100 = 10μH R15 = 0.15μH 150 = 15μH 1R5 = 1.5μH Inductance Tolerance K = ±10%, M = ±20% Inductor L C 0603 1R5 K SMS T Case Size (EIA) 0402 0805 0603 1008 Type SMS = Standard Type PMS = Standard Type DMI = High Current Type for Power Supply Line Specification C = Commercial Packaging Code T = Tape & Reel |
Similar Part No. - L0201C2N4SRMST |
|
Similar Description - L0201C2N4SRMST |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |