Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA180N33ATTU Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FGA180N33ATTU
Description  330V, 180A PDP Trench IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA180N33ATTU Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FGA180N33ATTU Datasheet HTML 1Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 2Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 3Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 4Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 5Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 6Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 7Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
FGA180N33AT Rev. A
Mechanical Dimensions
TO-3P
15.60 ±0.20
4.80 ±0.20
13.60 ±0.20
9.60 ±0.20
2.00 ±0.20
3.00 ±0.20
1.00 ±0.20
1.40 ±0.20
ø3.20 ±0.10
1.50
+0.15
–0.05
0.60
+0.15
–0.05
5.45TYP
[5.45 ±0.30]
5.45TYP
[5.45 ±0.30]
Dimensions in Millimeters


Similar Part No. - FGA180N33ATTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N33AT FAIRCHILD-FGA180N33AT Datasheet
657Kb / 8P
330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
736Kb / 9P
330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
655Kb / 9P
330 V PDP Trench IGBT
FGA180N33ATDTU FAIRCHILD-FGA180N33ATDTU Datasheet
655Kb / 9P
330 V PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD_13 Datasheet
655Kb / 9P
330 V PDP Trench IGBT
More results

Similar Description - FGA180N33ATTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N33AT FAIRCHILD-FGA180N33AT Datasheet
657Kb / 8P
330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
736Kb / 9P
330V, 180A PDP Trench IGBT
FGA90N33ATDTU FAIRCHILD-FGA90N33ATDTU Datasheet
517Kb / 9P
330V, 90A PDP Trench IGBT
FGA90N33AT FAIRCHILD-FGA90N33AT Datasheet
655Kb / 8P
330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD Datasheet
750Kb / 9P
330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD_11 Datasheet
517Kb / 9P
330V, 90A PDP Trench IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
330V, PDP IGBT
FGPF4633 FAIRCHILD-FGPF4633 Datasheet
653Kb / 8P
330V PDP IGBT
FGA70N33BTD FAIRCHILD-FGA70N33BTD Datasheet
755Kb / 9P
330V, 70A PDP IGBT
FGPF50N33BT FAIRCHILD-FGPF50N33BT Datasheet
661Kb / 8P
330V, 50A PDP IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com