Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA180N33ATTU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGA180N33ATTU
Description  330V, 180A PDP Trench IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA180N33ATTU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGA180N33ATTU Datasheet HTML 1Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 2Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 3Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 4Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 5Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 6Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 7Page - Fairchild Semiconductor FGA180N33ATTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
FGA180N33AT Rev. A
Typical Performance Characteristics
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
Figure 3. Typical Saturation Voltage
Figure 4. Transfer Characteristics
Characteristics
Figure 5. Saturation Voltage vs. Case
Figure 6. Saturation Voltage vs. VGE
Temperature at Variant Current Level
0246
0
50
100
150
200
20V
15V
7V
10V
12V
TC = 25
o
C
9V
8V
VGE = 6V
Collector-Emitter Voltage, VCE [V]
024
6
0
50
100
150
200
9V
8V
7V
10V
20V
TC = 125
o
C
15V
12V
VGE = 6V
Collector-Emitter Voltage, VCE [V]
0
123
0
50
100
150
200
Common Emitter
VGE = 15V
TC = 25
o
C
TC = 125
o
C
Collector-Emitter Voltage, VCE [V]
24
68
10
0
50
100
150
200
Common Emitter
VCE = 20V
TC = 25
o
C
TC = 125
o
C
Gate-Emitter Voltage,VGE [V]
25
50
75
100
125
150
0.6
0.9
1.2
1.5
1.8
2.1
180A
90A
40A
IC = 20A
Common Emitter
VGE = 15V
Collector-EmitterCase Temperature, TC [
o
C]
0
4
8
12
16
20
0
4
8
12
16
20
180A
IC = 20A
40A
90A
Common Emitter
T
C = 25
o
C
Gate-Emitter Voltage, VGE [V]


Similar Part No. - FGA180N33ATTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N33AT FAIRCHILD-FGA180N33AT Datasheet
657Kb / 8P
   330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
736Kb / 9P
   330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
655Kb / 9P
   330 V PDP Trench IGBT
FGA180N33ATDTU FAIRCHILD-FGA180N33ATDTU Datasheet
655Kb / 9P
   330 V PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD_13 Datasheet
655Kb / 9P
   330 V PDP Trench IGBT
More results

Similar Description - FGA180N33ATTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N33AT FAIRCHILD-FGA180N33AT Datasheet
657Kb / 8P
   330V, 180A PDP Trench IGBT
FGA180N33ATD FAIRCHILD-FGA180N33ATD Datasheet
736Kb / 9P
   330V, 180A PDP Trench IGBT
FGA90N33ATDTU FAIRCHILD-FGA90N33ATDTU Datasheet
517Kb / 9P
   330V, 90A PDP Trench IGBT
FGA90N33AT FAIRCHILD-FGA90N33AT Datasheet
655Kb / 8P
   330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD Datasheet
750Kb / 9P
   330V, 90A PDP Trench IGBT
FGA90N33ATD FAIRCHILD-FGA90N33ATD_11 Datasheet
517Kb / 9P
   330V, 90A PDP Trench IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
FGPF4633 FAIRCHILD-FGPF4633 Datasheet
653Kb / 8P
   330V PDP IGBT
FGA70N33BTD FAIRCHILD-FGA70N33BTD Datasheet
755Kb / 9P
   330V, 70A PDP IGBT
FGPF50N33BT FAIRCHILD-FGPF50N33BT Datasheet
661Kb / 8P
   330V, 50A PDP IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com