Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA58-19 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PA58-19
Description  Client Side Antennas
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA58-19 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PA58-19 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA58-19 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA58-19 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA58-19 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA58-19 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA58-19 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA58-19 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA58-19 Datasheet HTML 9Page - List of Unclassifed Manufacturers PA58-19 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Part #
Part #
Part #
Part #
Frequency
Frequency
Frequency
Frequency
Gain (dB)
Gain (dB)
Gain (dB)
Gain (dB)
BW (deg)
BW (deg)
BW (deg)
BW (deg)
Polarity
Polarity
Polarity
Polarity
Downtilt
Downtilt
Downtilt
Downtilt
Dimensions
Dimensions
Dimensions
Dimensions
Weight
Weight
Weight
Weight
(lbs)
(lbs)
(lbs)
(lbs)
OD9
OD9
OD9
OD9----5
55
5
900
5
36
Vert.
0
2’
1.3
OD9
OD9
OD9
OD9----6
66
6
900
6
16
Vert.
0
5.6’
5.4
OD9
OD9
OD9
OD9----8
88
8
900
8
10
Vert.
0
8.5’
6.7
OD9
OD9
OD9
OD9----11D1
11D1
11D1
11D1
900
11
7
Vert.
1
11’
9.4
ODH9
ODH9
ODH9
ODH9----9
99
9
900
9
18
Horiz.
0
62”
22
FlagTenna
FlagTenna
FlagTenna
FlagTenna
900
2400-2485
11
12
7
Vert.
1
Vary
Vary
OD24
OD24
OD24
OD24----7D5
7D5
7D5
7D5
2400-2485
7
18
Vert.
5
21”
1.1
OD24
OD24
OD24
OD24----9
99
9
2400-2485
9
14
Vert.
0
28”
1.1
OD24
OD24
OD24
OD24----9D7
9D7
9D7
9D7
2400-2485
9
14
Vert.
7
28”
1.1
OD24
OD24
OD24
OD24----12
12
12
12
2400-2485
12
7
Vert.
3
48”
1.9
ODH24
ODH24
ODH24
ODH24----9
99
9
2400-2485
9
20
Horiz.
0
27”
6
ODH24
ODH24
ODH24
ODH24----13
13
13
13
2400-2485
13
7
Horiz.
0
49”
9
OD24M
OD24M
OD24M
OD24M
2400-2485
5,7,9,12
45,35,18,14
Vert.
0
Vary
Vary
OD49
OD49
OD49
OD49
4940-4990
6, 11
5
Vert.
Vary
Vary
Vary
OD58M
OD58M
OD58M
OD58M
5470-5850
12
7
Vert.
0
21.25”
1.1
OD58
OD58
OD58
OD58----12
12
12
12
5470-5850
12
7
Vert.
0
21.25”
1.1
900MHz VPOL Sector
900MHz VPOL Sector
900MHz VPOL Sector
900MHz VPOL Sector
Part No: SA9-120-13
2.4GHz HPOL Omnidirectional Antenna
2.4GHz HPOL Omnidirectional Antenna
2.4GHz HPOL Omnidirectional Antenna
2.4GHz HPOL Omnidirectional Antenna
Part No: ODH24
2.4GHz VPOL 9dBI Sector
2.4GHz VPOL 9dBI Sector
2.4GHz VPOL 9dBI Sector
2.4GHz VPOL 9dBI Sector
Part No: SA24-90-9/SA24-120-9
Base Station Antennas
Base station antennas are designed for
connection to a wireless access point to
serve a large area with wireless access.
Omnidirectional Antennas
Omnidirectional antennas communicate in 360 degrees while the sector antennas cover slices
of 90 degrees, 120 degrees or 180 degrees. Generally Omni's are used in less densely popu-
lated areas and sectors are used in more heavily populated areas.
Tech Note:
Tech Note:
Tech Note:
Tech Note:
Horizontally Polarized (HPOL) antennas are useful in areas where there is a lot of
interference. The HPOL technology offers very good interference rejection of VPOL signals.
900MHz VPOL Omnidirectional Antenna
900MHz VPOL Omnidirectional Antenna
900MHz VPOL Omnidirectional Antenna
900MHz VPOL Omnidirectional Antenna
Part No: OD9
6
6
6
6


Similar Part No. - PA58-19

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PA58-19 LSTD-PA58-19 Datasheet
1Mb / 2P
   Vertical or horizontal polarization
More results

Similar Description - PA58-19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C54CST TI1-TMS320C54CST_13 Datasheet
2Mb / 176P
[Old version datasheet]   Client Side Telephony DSP
TMS320C54CST TI-TMS320C54CST Datasheet
2Mb / 171P
[Old version datasheet]   Client Side Telephony DSP
logo
List of Unclassifed Man...
701192 ETC2-701192 Datasheet
130Kb / 1P
   TMS320C54CST Client Side Developers Kit
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Toshiba Semiconductor
BG3 TOSHIBA-BG3 Datasheet
1Mb / 17P
   CLIENT SSD
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ABDXXX TOSHIBA-MQ01ABDXXX Datasheet
529Kb / 2P
   CLIENT MOBILE HDD
Rev. 01
logo
Level One
GEP-2651 LVL1-GEP-2651 Datasheet
418Kb / 5P
   DHCP Client/Server
GEP-2682 LVL1-GEP-2682 Datasheet
414Kb / 5P
   DHCP Client/Server
logo
Tyco Electronics
1307023 MACOM-1307023 Datasheet
50Kb / 2P
   Picocell Antennas
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com