Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

416100520-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 416100520-3
Description  All dimensions are in mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

416100520-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  416100520-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 416100520-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Kit 60110-3 OSD KIT
Jumper setting :
JP1: SWAP DEC/INC SWITCH
1-2,3-4 closed : NORMAL
1-3,2-4 closed : SWAPPED
JP2 : SWAP SEL UP/DN SWITCH
1-2,3-4 closed : NORMAL
1-3,2-4 closed : SWAPPED
JP3 : SWAP BRIGHTNESS INC/DEC SWITCH
1-2,3-4 closed : NORMAL
1-3,2-4 closed : SWAPPED
JP5 : 1-2 closed : Disable On/Off power button control
Open : Enable On/Off power button control(Default)
JP6 : 1-2 closed : Default power on (JP5 set open)
3-4 closed: Defalt power off (JP5 set open)
Kit 60110-3 includes :
1) Digital OSD switch mount P/N 416100520-3
2) OSD cable,150mm P/N 420680260-3
Digital Switch Mount
P/N: 416100520-3
OSD cable
P/N 420680260-3 (12 way) 150mm
NOTE:
- All dimensions are in mm
- Digital Switch Mount
P/N 416100520-3 can operate
under 12VDC/24VDC power input
environment
Date : 22 SEPT 2010
JST B12B-XH-A


Similar Part No. - 416100520-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
416102 MOLEX1-416102 Datasheet
70Kb / 2P
100 KK짰 Polarizing Peg, 10 Circuits
More results

Similar Description - 416100520-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
426120400-3 ETC2-426120400-3 Datasheet
139Kb / 2P
All dimensions are in mm
logo
DB Unlimited.
TE044003-1 DBUNLIMITED-TE044003-1 Datasheet
87Kb / 1P
All dimensions are in mm unless otherwise noted
MM042602-5 DBUNLIMITED-MM042602-5 Datasheet
304Kb / 1P
All dimensions are in mm unless otherwise noted
MM042602-6 DBUNLIMITED-MM042602-6 Datasheet
300Kb / 1P
All dimensions are in mm unless otherwise noted
logo
Rosenberger Hochfrequen...
W1K10N-K00D3 ROSENBERGER-W1K10N-K00D3 Datasheet
267Kb / 2P
All dimensions are in inches [mm]
W1K10P-K00D3 ROSENBERGER-W1K10P-K00D3 Datasheet
264Kb / 2P
All dimensions are in inches [mm]
W1K108-K00D3 ROSENBERGER-W1K108-K00D3 Datasheet
276Kb / 2P
All dimensions are in inches [mm]
W1S12A-40ML5 ROSENBERGER-W1S12A-40ML5 Datasheet
191Kb / 2P
All dimensions are in inches [mm]
W1S103-40ML5 ROSENBERGER-W1S103-40ML5 Datasheet
268Kb / 2P
All dimensions are in inches [mm]
W1S143-40ML5 ROSENBERGER-W1S143-40ML5 Datasheet
275Kb / 2P
All dimensions are in inches [mm]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com