Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

416016711-3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 416016711-3
Description  HD-SDI to HDMI adaptor board - KIT 70600
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

416016711-3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  416016711-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 416016711-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Copyright Digital View 2009
HD-SDI to HDMI adaptor Kit
KIT 70600-3
HD-SDI to HDMI adaptor board - KIT 70600
System configuration
The KIT 70600-3 enable the Digital View SVX-1920 LCD controller card to support single or dual HD-SDI connections
(connect with HD-1000/HD-2000), thus providing a highly featured alternative to expensive HD-SDI monitors.
KIT 70600-3 includes :
426008500-3
Internal SDI to HDMI cable, 300 mm
426090700-3
I2C control cable, 300 mm
416016711-3
HD-SDI to HDMI adaptor board
Remark : E0.20.00 or higher firmware revision on SVX-1920
P/N 41721002X-3 is required.
77.5 mm [3.05]
Mechanical
ASIA
Digital View Ltd.
16th Floor Millennium City 3
370 Kwun Tong Road
Kwun Tong, Hong Kong
Tel : (852) 2861-3615
USA
Digital View Inc.
18440 Technology Drive
Morgan Hill, CA 95037,
USA
Tel : +1 (408) 782-7773
EUROPE
Digital View Limited
6 Marylebone Passage
London, W1W 8EX
UK
Tel : +44 (0) 20-7631-2150


Similar Part No. - 416016711-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
416016440-3 ETC2-416016440-3 Datasheet
1Mb / 3P
   Single Channel HD-SDI Adapter
More results

Similar Description - 416016711-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586013300-3 ETC2-586013300-3 Datasheet
2Mb / 2P
   HD/SD-SDI to HDMI Converter Box
logo
Panasonic Semiconductor
ET-MD16SD1 PANASONIC-ET-MD16SD1 Datasheet
56Kb / 1P
   HD/SD-SDI Interface Board
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
logo
Glenair, Inc.
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
   SMPTE HD-SDI
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-357 GLENAIR-050-357 Datasheet
501Kb / 15P
   SMPTE HD-SDI AND 3G-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com