Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4505 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # AN4505
Description  Power Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

AN4505 Datasheet(HTML) 2 Page - Dynex Semiconductor

  AN4505 Datasheet HTML 1Page - Dynex Semiconductor AN4505 Datasheet HTML 2Page - Dynex Semiconductor AN4505 Datasheet HTML 3Page - Dynex Semiconductor AN4505 Datasheet HTML 4Page - Dynex Semiconductor AN4505 Datasheet HTML 5Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Heatsinks
2/5
www.dynexsemi.com
67
M8 slot
M6 slots
Cross sectional area (cm2): 26.21
Weight kg/m: 7.1
80W
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
60 80 100120140160180200220
HEATSINK LENGTH (mm)
Heatsink profile: EH
Air natural
Notes:
1. Thermal ratings are given per
heatsink.
2. Comprehensive data is available
for all our heatsinks to support all
design applications.
3. Black anodising is available on all
air cooled heatsinks for surface
protection and enhanced
performance.
WATER COOLED HEATSINKS
Type code: D
Water cooled heatsinks are
designed for use in high
current, high power
assemblies such as single,
All dimensions shown in mm
unless stated otherwise.
three or six phase bridges or
A.C. controllers. Complete
bridges of up to six devices
may be constructed.
2 heatsinks for double side
cooling, thermal resistance
heatsink surface to water
inlet.
0.015
0.02
0.025
0.03
0.035
0.04
123
4
567
89
10
WATER FLOW (L/m)
0.012
0.014
0.016
0.018
0.02
0.022
0.024
0.026
0.028
0.03
123
4
567
8
9
10
WATER FLOW (L/m)
Type code: K
Note:
1. For details of water connections, please contact factory.


Similar Part No. - AN4505

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4505 STMICROELECTRONICS-AN4505 Datasheet
984Kb / 43P
This document is intended to provide usage information
More results

Similar Description - AN4505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRA1600 ETC-HRA1600 Datasheet
867Kb / 1P
HIGH POWER RESISTOR ASSEMBLIES
logo
Microsemi Corporation
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
logo
List of Unclassifed Man...
MBVA14400 ETC-MBVA14400 Datasheet
257Kb / 1P
Mini Braking High Power Resistor Assemblies
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
Probe assemblies
logo
Microsemi Corporation
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
678 MICROSEMI-678 Datasheet
118Kb / 3P
RECTIFIERS ASSEMBLIES
logo
TDK Electronics
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
Probe assemblies
logo
Microsemi Corporation
679 MICROSEMI-679 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
673 MICROSEMI-673 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
logo
ORION FANS
GRM92-30 ORIONFANS-GRM92-30 Datasheet
317Kb / 1P
Filter Assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com