Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4505 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # AN4505
Description  Power Assemblies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

AN4505 Datasheet(HTML) 1 Page - Dynex Semiconductor

  AN4505 Datasheet HTML 1Page - Dynex Semiconductor AN4505 Datasheet HTML 2Page - Dynex Semiconductor AN4505 Datasheet HTML 3Page - Dynex Semiconductor AN4505 Datasheet HTML 4Page - Dynex Semiconductor AN4505 Datasheet HTML 5Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Heatsinks
1/5
www.dynexsemi.com
200W
0.3
0.32
0.34
0.36
0.38
0.4
0.42
0.44
0.46
0.48
0.5
125
175
225
275
325
375
HEATSINK LENGTH (mm)
Heatsink profile: ED
Forced air (5m/s)
Air natural
AIR COOLED HEATSINKS
All dimensions shown in mm unless stated otherwise.
175
M8 slots
27
Cross sectional area (cm2): 52.3
Weight kg/m: 141.2
222
± 1
M6 slot
50
Cross sectional area (cm2): 124.08
Weight kg/m: 31
200W
0.12
0.125
0.13
0.135
0.14
0.145
0.15
125
165
205
245
285
HEATSINK LENGTH (mm)
200 W
0.3
0.32
0.34
0.36
0.38
0.4
0.42
0.44
125
175
225
275
325
375
HEATSINK LENGTH (mm)
200W
0.075
0.08
0.085
0.09
0.095
0.1
125
175
225
275
325
375
HEATSINK LENGTH (mm)
Heatsink profile: EM
Forced air (5m/s)
Air natural
The current range of heatsinks is illustrated with a brief
resumé of their characteristics. The products available are
intended for use with all our power semiconductors - from
the small stud base through to large disc devices and
modules.
All heatsinks are suitable for Natural Air Cooling (AN) and
Forced Air Cooling (FC). In addition to a vast experience of
AN and FC cooling methods we also have many years
experience in liquid and phase change cooling.
A range of coolers for 17mm to 100mm silicon diameter
devices is available, as is a range of associated clamps.
HEATSINKS
Power Assemblies
DS5404-1.0 November 2000


Similar Part No. - AN4505

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4505 STMICROELECTRONICS-AN4505 Datasheet
984Kb / 43P
This document is intended to provide usage information
More results

Similar Description - AN4505

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
673 MICROSEMI-673 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
678 MICROSEMI-678 Datasheet
118Kb / 3P
RECTIFIERS ASSEMBLIES
679 MICROSEMI-679 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
Silicon Power Rectifier Assemblies Plate Heatsink
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
Probe assemblies
logo
ORION FANS
GRM92-30 ORIONFANS-GRM92-30 Datasheet
317Kb / 1P
Filter Assemblies
logo
List of Unclassifed Man...
MBVA14400 ETC-MBVA14400 Datasheet
257Kb / 1P
Mini Braking High Power Resistor Assemblies
HRA1600 ETC-HRA1600 Datasheet
867Kb / 1P
HIGH POWER RESISTOR ASSEMBLIES
logo
TDK Electronics
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
Probe assemblies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com