Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

561-1000A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 561-1000A
Description  Female Nylon Circuit Board Posts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

561-1000A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  561-1000A Datasheet HTML 1Page - List of Unclassifed Manufacturers 561-1000A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5/16''
ø7/32''
1/16''
Typ.
5/16''
Minimum
.400 REF
6-32
Threads
Section A-A
L
BB
A
A
Dimensions: in.
Female Nylon Circuit Board Posts
561-0375A, 561-0500A, 561-0625A, 561-0750A,
561-0875A, 561-1000A, 561-1125A, 561-1406A
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
EPD-200716
Date Last Revised: 1/5/2009
Mouser
Stock No.
L
Description
561-0375A
FTA-A 375
.375 (9.53)
561-0500A
FTA-A 500
.500 (12.70)
561-0625A
FTA-A 625
.625 (15.88)
561-0750A
FTA-A 750
.750 (19.05)
561-0875A
FTA-A 875
.875 (22.23)
561-1000A
FTA-A 1000
1.000 (25.40)
561-1125A
FTA-A 1125
1.125 (25.58)
561-1406A
FTA-A 1406
1.406 (35.71)
RoHS Compliant
SPECIFICATIONS
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
• Molded in natural nylon 6/6
• Circuit board hole size: .156 diameter
• Panel thickness: 1/16"
• Tolerance on L dimension: ± .015


Similar Part No. - 561-1000A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-10014 ETC2-561-10014 Datasheet
40Kb / 2P
Nylon Screw Insulators
561-10018 ETC2-561-10018 Datasheet
40Kb / 2P
Nylon Screw Insulators
561-10025 ETC2-561-10025 Datasheet
40Kb / 2P
Nylon Screw Insulators
561-10032 ETC2-561-10032 Datasheet
79Kb / 2P
Nylon Retaining Washers
561-10037 ETC2-561-10037 Datasheet
40Kb / 2P
Nylon Screw Insulators
More results

Similar Description - 561-1000A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-A0125 ETC2-561-A0125 Datasheet
74Kb / 2P
PC Board Posts
561-CG250 ETC2-561-CG250 Datasheet
138Kb / 2P
Nylon PC Board Card
561-F0375 ETC2-561-F0375 Datasheet
194Kb / 2P
Male/Female Circuit Board Support
561-FSTP250 ETC2-561-FSTP250 Datasheet
87Kb / 2P
Female Circuit Board Posts - Self Threading
561-MPS187 ETC2-561-MPS187 Datasheet
77Kb / 2P
Female Circuit Board Posts Self Threading
logo
PANDUIT CORP.
CBP12-C PANDUIT-CBP12-C Datasheet
86Kb / 1P
Circuit Board Posts
logo
Molex Electronics Ltd.
1721590209 MOLEX1-1721590209 Datasheet
55Kb / 2P
3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon
1721590605 MOLEX1-1721590605 Datasheet
59Kb / 2P
3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon
1721590609 MOLEX1-1721590609 Datasheet
59Kb / 2P
3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon
1721590611 MOLEX1-1721590611 Datasheet
59Kb / 2P
3.96mm Pitch EdgeMate Wire-to-Board Edge Card Connector, Female, Nylon
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com