Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

212X8-DSH-001-B Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 212X8-DSH-001-B
Description  SD and HD/SD-SDI Digital Video Cable Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

212X8-DSH-001-B Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  212X8-DSH-001-B Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
212x8-DSH-001-B
Mindspeed Technologies
®
April 2007
Mindspeed Proprietary and Confidential
Applications
• Serial Routing Switchers, Production/Master Control Switchers
• Distribution Amplifiers
• Video Tape Recorders, ENG Edit decks, Cameras
• Broadcast video applications
• NLE's, MPEG Encoders/Decoders, format convertors etc.
Standards Compliance
• SMPTE 292M, 259M, 344M
The M21208 and M21218 are high-speed, low-power, low-jitter cable drivers. They are designed to drive serial
digital video data through 75
Ω coaxial cable typically used in SMPTE and DVB-ASI video applications. The
M21218 cable driver is optimized for performance from 143 Mbps up to 1485 Mbps, it has selectable slew rate for
SD-SDI and HD-SDI applications. The M21208 cable driver is optimized for performance from 143 Mbps up to 540
Mbps with SD-SDI slew rates.
The typical output rise/fall time of the M21218 is 100 ps for HD rates. Both devices have a typical set slew rate of
600 ps at SD rates. The default output voltage swing is compliant with SMPTE 292M, 259M and 344M using a
750
Ω ±1% resistor. The M21208 and M21218 are pin compatible, with the exception that the M21208 has no SD/
HD control pin. M21208/M21218 support a maximum single ended output swing of 1600 mVp–p, when configured
appropriately.
Both devices are available in a small outline RoHS compliant package, which is backwards compatible with
standard JEDEC SnPb processes. The M21208 is pin compatible with the GS9068/9068A devices, and the
M21218 is pin compatible with the GS1528/1528A, both support 2.5V and 3.3V operation.
Functional Block Diagram
OUTPUT
BUFFER
RSET
SDI
M21208 /M21218
CABLE DRIVER
INPUT
BUFFER
2.5V - 3.3V and
BIAS CIRCUITRY
AV
DD
SD/HD*
SDO
SDO
SDI
* SD/HD on M21218 only
Features
• HD and SD operation (M21218)
• SD operation (M21208)
• Pin compatible to GS9068/9068A (M21208)
• Pin compatible to GS1528/1528A (M21218)
• 800 mVp–p single ended output swing (typical)
• 1600 mVp–p maximum single ended output swing
• SD/HD Slew Rate control (M21218)
• 2.5V or 3.3V supply
• Low PDISS (122 mW @ 2.5V, 144 mW @ 3.3V)
• Extended temperature range: -10 °C to 85 °C
• RoHS package
M21208/M21218
SD and HD/SD-SDI Digital Video Cable Drivers


Similar Part No. - 212X8-DSH-001-B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212X0102N220FA CTS-212X0102N220FA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X0102N220FB CTS-212X0102N220FB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X0102N220FN CTS-212X0102N220FN Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X0102N220KA CTS-212X0102N220KA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X0102N220KB CTS-212X0102N220KB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
More results

Similar Description - 212X8-DSH-001-B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com