Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

212X8-DSH-001-B Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # 212X8-DSH-001-B
Description  SD and HD/SD-SDI Digital Video Cable Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

212X8-DSH-001-B Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button 212X8-DSH-001-B Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. 212X8-DSH-001-B Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Functional Description
212x8-DSH-001-B
Mindspeed Technologies
®
4
Mindspeed Proprietary and Confidential
1.3.3
M21208/M21218 Pin List
Table 1-2.
Interface Pins
Pin Name
Function
Default
Type
SD/HD
(M21218 only)
Input control signal to change the output slew rate.
SD/HD = High: Slow output slew rate for SD-SDI rate (143–540 Mbps).
SD/HD = Low: Fast output slew rate for HD-SDI rate (1485 Mbps) [Default].
Pull-up
I—CMOS
RSET
Input control signal for setting the single-ended output swing amplitude.
Terminal floating results in 800 mVpp ± 15% swing.
Higher output swing levels or reduced variations with a ±1% tolerance external
resistor.
For 800 mVpp single-ended, a 750
Ω ±1% resistor to AV
DD_TERM is
recommended.
Analog Input
NOTE:
Internal pull-down is 100 k
Ω.
Table 1-3.
Power Pins
Pin Name
Function
Type
AVSS
Chip Ground
Power
AVDD
Positive Supply
Power
Table 1-4.
High-speed Signal Pins
Pin Name
Function
Default
Type
SDI/SDI
Non-inverting and Inverting serial unterminated inputs.
I—High-speed
SDO/SDO
Non-inverting and inverting serial unterminated data outputs to coaxial cable.
O—High-speed


Similar Part No. - 212X8-DSH-001-B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212X0102N220FA CTS-212X0102N220FA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X0102N220FB CTS-212X0102N220FB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X0102N220FN CTS-212X0102N220FN Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X0102N220KA CTS-212X0102N220KA Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
212X0102N220KB CTS-212X0102N220KB Datasheet
346Kb / 2P
   CTS 212 Rotary Switch
More results

Similar Description - 212X8-DSH-001-B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
   HD-SDI & SD-SDI Video
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
   HD-SDI & SD-SDI Video
logo
National Semiconductor ...
LMH0302 NSC-LMH0302_08 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
logo
Texas Instruments
LMH0302S TI-LMH0302S Datasheet
726Kb / 10P
[Old version datasheet]   3Gbps HD/SD SDI Cable Driver
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
   3G/HD/SD-SDI Multi-rate Video Cable Driver
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
logo
National Semiconductor ...
LMH0302_0711 NSC-LMH0302_0711 Datasheet
186Kb / 8P
   3Gbps HD/SD SDI Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com