Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP710012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RP710012
Description  Power PCB Relay RPII/1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RP710012 Datasheet(HTML) 1 Page - Tyco Electronics

  RP710012 Datasheet HTML 1Page - Tyco Electronics RP710012 Datasheet HTML 2Page - Tyco Electronics RP710012 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
n
4kV/8mm coil-contact
n
Pinning 3.5 or 5mm (8/12A) and 5mm (16A)
n
RoHS compliant (Directive 2002/95/EC)
Typical applications
Power supplies, domestic appliances, heating control, installation
Approvals
VDE REG.-Nr. C894, UL E214025
Technical data of approved types on request
Contact Data
8A
12A
16A
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A
12A
16A
Limiting making current
16A
20A
25A
Breaking capacity max.
2000VA
3000VA
4000VA
Contact material
AgNi0.15
AgCdO
AgCdO
Frequency of operation, with/without load
600/72000h-1
Operate/release time typ.
8/2ms
Bounce time typ., form A/form B
2/4ms
Contact ratings
Type
Contact
Load
Cycles
IEC61810
RP310
A (NO)
16A, 250VAC resistive, 35°C
100x103
RP410/418
A (NO)
12A, 250VAC resistive, 35°C
100x103
RP410/418
C (CO)
10A, 250VAC resistive, 70°C
100x103
RP411/418
A (NO)
8A, 250VAC resistive, 35°C
100x103
Mechanical endurance
>30x106 operations
Coil Data
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.5
0.5
54
500
006
6
4.2
0.6
68
500
012
12
8.4
1.2
270
500
024
24
16.8
2.4
11001)
500
048
48
33.6
4.8
44001)
500
060
60
42.0
6.0
65401)
500
110
110
77.0
11.0
231001)
500
1) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +20°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Power PCB Relay RPII/1
F0146-B
Z


Similar Part No. - RP710012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RP710012 MACOM-RP710012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP710012 MACOM-RP710012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
More results

Similar Description - RP710012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393230-6 MACOM-2-1393230-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-2 MACOM-2-1393230-2 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-9 MACOM-2-1393230-9 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP838012 MACOM-RP838012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-8 MACOM-2-1393230-8 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-6 MACOM-2-1393232-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-5 MACOM-2-1393230-5 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-7 MACOM-2-1393232-7 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP310006 MACOM-RP310006 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393231-3 MACOM-2-1393231-3 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com