Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2156STRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IR2156STRPBF
Description  BALLAST CONTROL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156STRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2156STRPBF Datasheet HTML 2Page - International Rectifier IR2156STRPBF Datasheet HTML 3Page - International Rectifier IR2156STRPBF Datasheet HTML 4Page - International Rectifier IR2156STRPBF Datasheet HTML 5Page - International Rectifier IR2156STRPBF Datasheet HTML 6Page - International Rectifier IR2156STRPBF Datasheet HTML 7Page - International Rectifier IR2156STRPBF Datasheet HTML 8Page - International Rectifier IR2156STRPBF Datasheet HTML 9Page - International Rectifier IR2156STRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IR2156(S)PbF
6
Block Diagram
RT
CPH
VB
HO
VS
LO
CS
Vcc
CT
RPH
COM
R
V
TH
R
ICPH
R
Under-
Voltage
Detect
Fault
Logic
Driver
Logic
High-
Side
Driver
Low-
Side
Driver
Comp 1
Schmitt 1
SD
5.1V
Soft
Start
1.3V
R
R
2.5K
40K
S1
S2
S3
S4
Q
T
R
Q
S6
Comp 2
Comp 3
Q
S
R2 Q
R1
VDC
10K
5.1V
5.1V
RDT
RVDC
Pin Assignments & Definitions
10
Pin Assignments
1
2
3
4
5
6
7
9
8
NC
VCC
VDC
RT
RPH
COM
CT
CS
LO
VS
HO
VB
CPH
SD
14
13
12
11
Pin #
Symbol
Description
1
14
13
3
12
7
6
5
4
2
RT
VS
HO
NC
SD
CPH
CT
RPH
Minimum Frequency Timing Resistor
Preheat Frequency Timing Resistor
Oscillator Timing Capacitor
Preheat Timing Capacitor
High-Side Gate Driver Output
High-Side Floating Return
CS
Current Sensing Input
9
11
10
8
LO
VB
VCC
COM
IC Power & Signal Ground
Logic & Low-Side Gate Driver Supply
High-Side Gate Driver Floating Supply
Low-Side Gate Driver Output
Shutdown Input
No Connect
VDC
IC Start-up and DC Bus Sensing Input


Similar Part No. - IR2156STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156S IRF-IR2156S Datasheet
497Kb / 24P
BALLAST CONTROL IC
IR2156SPBF IRF-IR2156SPBF Datasheet
497Kb / 24P
BALLAST CONTROL IC
More results

Similar Description - IR2156STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
Ballast Control IC
logo
International Rectifier
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com