Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1210R101MDWIT Datasheet(PDF) 25 Page - Kemet Corporation

Part # L1210R101MDWIT
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1210R101MDWIT Datasheet(HTML) 25 Page - Kemet Corporation

Back Button L1210R101MDWIT Datasheet HTML 21Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 22Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 23Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 24Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 25Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 26Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 27Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 28Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 29Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
25
0603-1812 Case Size High Impedance Type Ferrite Chip Beads (Z-PWZ Series)
Ordering Code
EIA Case Size
Impedance
(
Ω
Ω)
Measuring
Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (A)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
0603 Case Size High Impedance Ferrite Chip Beads (Z-PWZ Series)
Z0603C470BPWZT
0603
47 ±25%
100
0.02
3.5
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C600BPWZT
0603
60 ±25%
100
0.025
3
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C101BPWZT
0603
100 ±25%
100
0.035
2
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C151BPWZT
0603
150 ±25%
100
0.05
2
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C221BPWZT
0603
220 ±25%
100
0.07
1.5
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C331BPWZT
0603
330 ±25%
100
0.13
0.9
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C471BPWZT
0603
470 ±25%
100
0.15
0.7
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C601BPWZT
0603
600 ±25%
100
0.17
0.7
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C102BPWZT
0603
1000 ±25%
100
0.35
0.5
0.8 ±0.1 (0.031 ±0.004
4,000
Z0603C300GPWZT
0603
30 ±25%
100
0.028
2.5
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C600GPWZT
0603
60 ±25%
100
0.045
1.8
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C121GPWZT
0603
120 ±25%
100
0.13
0.9
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C221GPWZT
0603
220 ±25%
100
0.17
0.7
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C331GPWZT
0603
330 ± 5%
100
0.21
0.6
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C471GPWZT
0603
470 ±25%
100
0.35
0.5
0.8 ±0.1 (0.031 ±0.004)
4,000
Z0603C601GPWZT
0603
600 ±25%
100
0.45
0.4
0.8 ±0.1 (0.031 ±0.004)
4,000
0805 Case Size High Impedance Ferrite Chip Beads (Z-PWZ Series)
Z0805C800BPWZT
0805
80 ±25%
100
0.025
2.7
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C121BPWZT
0805
120 ±25%
100
0.032
2.5
0.85 ±0.2 (0.033 ±0.008)
4,000
0806 Case Size High Impedance Ferrite Chip Beads (Z-PWZ Series)
Z0806C221BPWZT
0805
220 ±25%
100
0.06
2
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0806C331BPWZT
0805
330 ±25%
100
0.08
1.8
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0806C251BPWZT
0806
250 ±30%
100
0.05
2
1.6 ±0.2 (0.063 ±0.008)
2,000
1206 Case Size High impedance Ferrite Chip Beads (Z-PWZ Series)
Z1206C501BPWZT
1206
500 ±30%
100
0.07
2
1.6 ±0.2 (0.063 ±0.008)
2,000
1210 Case Size High Impedance Ferrite Chip Beads (Z-PWZ Series)
Z1210C601BPWZT
1210
600 ±30%
100
0.042
3
2.5 ±0.3 (0.098 ±0.012)
1,000
Z1210C102BPWZT
1210
1000 ±30%
100
0.1
2
2.5 ±0.3 (0.098 ±0.012)
1,000
Z1210C202BPWZT
1210
2000 ±30%
100
0.13
1.2
2.5 ±0.3 (0.098 ±0.012)
1,000
1806 Case Size High Impedance Ferrite Chip Beads (Z-PWZ Series)
Z1806C851BPWZT
1806
850 ±30%
100
0.1
1.5
1.6 ±0.2 (0.063 ±0.008)
1,000
1810 Case Size High Impedance Ferrite Chip Beads (Z-PWZ Series)
Z1810C102BPWZT
1810
1000 ±30%
100
0.06
3
2.5 ±0.3 (0.098 ±0.012)
1,000
Z1810C162BPWZT
1810
1600 ±30%
100
0.13
2
2.5 ±0.3 (0.098 ±0.012)
1,000
1812 Case Size High Impedance Ferrite Chip Beads (Z-PWZ Series)
Z1812C681BPWZT
1812
680 ±25%
100
0.028
4
3.2 ±0.3 (0.126 ±0.012)
2,000
Z1812C132BPWZT
1812
1300 ±25%
100
0.06
3
3.2 ±0.3 (0.126 ±0.012)
2,000
Z1812C202BPWZT
1812
2000 ±25%
100
0.13
1.3
3.2 ±0.3 (0.126 ±0.012)
2,000
High Current Ferrite Chip Beads - Z-PWS, Z-PWZ Series


Similar Part No. - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101KDWIT KEMET-L1210R101KDWIT Datasheet
53Kb / 1P
KEMET, L-DWI, Power, 100 uH, 10%
More results

Similar Description - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com