Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1210R101MDWIT Datasheet(PDF) 24 Page - Kemet Corporation

Part # L1210R101MDWIT
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1210R101MDWIT Datasheet(HTML) 24 Page - Kemet Corporation

Back Button L1210R101MDWIT Datasheet HTML 20Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 21Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 22Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 23Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 24Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 25Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 26Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 27Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 28Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
24
Ordering Code
Impedance
(
Ω
Ω)
Measuring Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (A)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z0603C230BPWST
23 ±30%
100
0.007
4
O.8 ±0.2 (0.031 ±0.008)
4,000
Z0603C280APWST
28 ±30%
100
0.007
4
O.8 ±0.2 (0.031 ±0.008)
4,000
0603 Case Size High Current Ferrite Chip Beads (Z-PWS Series)
0805 Case Size High Current Ferrite Chip Beads (Z-PWS Series)
Ordering Code
Impedance
(
Ω
Ω)
Measuring Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (A)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z0805C8R0GPWST
8 ±30%
100
0.01
2
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C210BPWST
21 ±30%
100
0.004
6
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C250APWST
25 ±30%
100
0.004
6
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C330BPWST
33 ±25%
100
0.008
4
0.85 ±0.2 (0.033 ±0.008)
4,000
Z0805C420APWST
42 ±25%
100
0.008
4
0.85 ±0.2 (0.033 ±0.008)
4,000
1206 Case Size High Current Ferrite Chip Beads (Z-PWS Series)
Ordering Code
Impedance
(
Ω
Ω)
Measuring Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (A)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z1206C380BPWST
38 ±30%
100
0.005
6
1.1 ±0.2 (0.043 ±0.008)
2,000
Z1206C480APWST
48 ±30%
100
0.005
6
1.1 ±0.2 (0.043 ±0.008)
2,000
Z1206C600BPWST
60 ±25%
100
0.01
4
1.1 ±0.2 (0.043 ±0.008)
2,000
Z1206C800APWST
80 ±25%
100
0.01
4
1.1 ±0.2 (0.043 ±0.008)
2,000
Ordering Code
Impedance
(
Ω
Ω)
Measuring Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum Rated
Current (A)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
Z1806C560BPWST
56 ±30%
100
0.007
6
1.1 ±0.2 (0.043 ±0.008)
2,000
Z1806C900BPWST
90 ±25%
100
0.014
4
1.1 ±0.2 (0.043 ±0.008)
2,000
Z1806C720APWST
72 ±30%
100
0.007
6
1.1 ±0.2 (0.043 ±0.008)
2,000
Z1806C111APWST
110 ±25%
100
0.014
4
1.1 ±0.2 (0.043 ±0.008)
2,000
1806 Case Size High Current Ferrite Chip Beads (Z-PWS Series)


Similar Part No. - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101KDWIT KEMET-L1210R101KDWIT Datasheet
53Kb / 1P
   KEMET, L-DWI, Power, 100 uH, 10%
More results

Similar Description - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com