Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1210R101MDWIT Datasheet(PDF) 22 Page - Kemet Corporation

Part # L1210R101MDWIT
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1210R101MDWIT Datasheet(HTML) 22 Page - Kemet Corporation

Back Button L1210R101MDWIT Datasheet HTML 18Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 19Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 20Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 21Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 22Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 23Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 24Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 25Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 26Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
22
Dimensions 4.0mm x 4.0mm (L-DWD4012 Type, 1.2mm Max. Height)
Dimensions 4.0mm x 4.0mm (L-DWD4018 Type, 1.8mm Max. Height)
Dimensions 8.0mm x 8.0mm (L-DWD8040 Type, 4.2mm Max. Height)
Ordering Code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Height
(mm)
Tape & Reel
Packaging Quantity
L4012C1R0NDWDT
1.0
±30%
100
131
0.06
1500
1.2
4,500
L4012C2R2MDWDT
2.2
±20%
100
66
0.09
1200
1.2
4,500
L4012C3R3MDWDT
3.3
±20%
100
50
0.13
980
1.2
4,500
L4012C4R7MDWDT
4.7
±20%
100
45
0.14
960
1.2
4,500
L4012C6R8MDWDT
6.8
±20%
100
35
0.18
840
1.2
4,500
L4012C100MDWDT
10
±20%
100
28
0.24
740
1.2
4,500
L4012C150MDWDT
15
±20%
100
23
0.40
560
1.2
4,500
L4012C220MDWDT
22
±20%
100
18
0.48
510
1.2
4,500
L4012C330MDWDT
33
±20%
100
15
0.81
400
1.2
4,500
L4012C470MDWDT
47
±20%
100
12
1.00
350
1.2
4,500
Ordering Code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Heigh (mm)
Tape & Reel
Packaging Quantity
L4018C1R0NDWDT
1.0
±30%
100
80
0.03
1830
1.8
3,500
L4018C2R2MDWDT
2.2
±20%
100
52
0.06
1440
1.8
3,500
L4018C3R3MDWDT
3.3
±20%
100
44
0.07
1230
1.8
3,500
L4018C4R7MDWDT
4.7
±20%
100
34
0.09
1200
1.8
3,500
L4018C6R8MDWDT
6.8
±20%
100
29
0.11
1060
1.8
3,500
L4018C100MDWDT
10
±20%
100
24
0.18
840
1.8
3,500
L4018C150MDWDT
15
±20%
100
19
0.25
650
1.8
3,500
L4018C220MDWDT
22
±20%
100
16
0.36
590
1.8
3,500
L4018C330MDWDT
33
±20%
100
12
0.53
490
1.8
3,500
L4018C470MDWDT
47
±20%
100
10
0.65
420
1.8
3,500
L4018C680MDWDT
68
±20%
100
8.3
1.00
320
1.8
3,500
L4018C101MDWDT
100
±20%
100
6.5
1.50
280
1.8
3,500
L4018C221MDWDT
220
±20%
100
4
4.00
170
1.8
3,500
Ordering Code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Heigh (mm)
Tape & Reel
Packaging Quantity
L8040C0R9NDWDT
0.9
±30%
100
85
0.006
7800
4.0
1,000
L8040C1R4NDWDT
1.4
±30%
100
63
0.007
7000
4.0
1,000
L8040C2R0NDWDT
2.0
±30%
100
50
0.009
6300
4.0
1,000
L8040C3R6NDWDT
3.6
±30%
100
34
0.015
4900
4.0
1,000
L8040C4R7NDWDT
4.7
±30%
100
30
0.018
4100
4.0
1,000
L8040C6R8NDWDT
6.8
±30%
100
24
0.025
3700
4.0
1,000
L8040C100MDWDT
10
±20%
100
22
0.034
3100
4.2
1,000
L8040C150MDWDT
15
±20%
100
16
0.050
2400
4.2
1,000
L8040C220MDWDT
22
±20%
100
13
0.066
2200
4.2
1,000
L8040C330MDWDT
33
±20%
100
12
0.100
1700
4.2
1,000
L8040C470MDWDT
47
±20%
100
8
0.150
1400
4.2
1,000
L8040C680MDWDT
68
±20%
100
7
0.230
1100
4.2
1,000
L8040C101MDWDT
100
±20%
100
6
0.290
1000
4.2
1,000


Similar Part No. - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101KDWIT KEMET-L1210R101KDWIT Datasheet
53Kb / 1P
KEMET, L-DWI, Power, 100 uH, 10%
More results

Similar Description - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Kemet Corporation
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads
09.20.13
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com