Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1210R101MDWIT Datasheet(PDF) 18 Page - Kemet Corporation

Part # L1210R101MDWIT
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1210R101MDWIT Datasheet(HTML) 18 Page - Kemet Corporation

Back Button L1210R101MDWIT Datasheet HTML 14Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 15Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 16Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 17Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 18Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 19Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 20Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 21Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 22Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
18
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Q min.
Minimum Self
Resonant
Frequency (MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum
Rated Current
(mA)
Measuring
Frequency
(MHz)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
L0603C47NMSMST
0.047
±20%
10
260
0.30
50
50
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C68NMSMST
0.068
±20%
10
250
0.30
50
50
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C82NMSMST
0.082
±20%
10
245
0.30
50
50
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR10(_)SMST
0.10
K±10%, M±20%
15
240
0.50
50
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR12(_)SMST
0.12
K±10%, M±20%
15
205
0.50
50
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR15(_)SMST
0.15
K±10%, M±20%
15
180
0.60
50
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR18(_)SMST
0.18
K±10%, M±20%
15
165
0.60
50
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR22(_)SMST
0.22
K±10%, M±20%
15
150
0.80
50
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR27(_)SMST
0.27
K±10%, M±20%
15
136
0.80
50
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR33(_)SMST
0.33
K±10%, M±20%
15
125
0.85
35
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR39(_)SMST
0.39
K±10%, M±20%
15
110
1.00
35
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR47(_)SMST
0.47
K±10%, M±20%
15
105
1.35
35
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR56(_)SMST
0.56
K±10%, M±20%
15
95
1.55
35
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR68(_)SMST
0.68
K±10%, M±20%
15
80
1.70
35
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603CR82(_)SMST
0.82
K±10%, M±20%
15
75
2.10
35
25
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C1R0(_)SMST
1.0
K±10%, M±20%
35
70
0.60
25
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C1R2(_)SMST
1.2
K±10%, M±20%
35
60
0.80
25
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C1R5(_)SMST
1.5
K±10%, M±20%
35
55
0.80
25
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C1R8(_)SMST
1.8
K±10%, M±20%
35
50
0.95
25
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C2R2(_)SMST
2.2
K±10%, M±20%
35
45
1.15
15
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C2R7(_)SMST
2.7
K±10%, M±20%
35
40
1.35
15
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C3R3(_)SMST
3.3
K±10%, M±20%
35
38
1.55
15
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C3R9(_)SMST
3.9
K±10%, M±20%
35
36
1.70
15
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C4R7(_)SMST
4.7
K±10%, M±20%
35
33
2.10
15
10
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C5R6(_)SMST
5.6
K±10%, M±20%
35
22
1.55
5
4
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C6R8(_)SMST
6.8
K±10%, M±20%
35
20
1.70
5
4
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C8R2(_)SMST
8.2
K±10%, M±20%
35
18
2.10
5
4
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C100(_)SMST
10
K±10%, M±20%
35
17
2.55
5
2
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C120(_)SMST
12
K±10%, M±20%
35
15
2.75
5
2
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C150MSMST
15
±20%
20
14
1.70
1
1
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C180MSMST
18
±20%
20
13
1.85
1
1
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C220MSMST
22
±20%
20
11
2.10
1
1
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C270MSMST
27
±20%
20
10
2.75
1
1
0.8 ±0.15 (0.031 ±0.006)
4,000
L0603C330MSMST
33
±20%
20
9
2.95
1
1
0.8 ±0.15 (0.031 ±0.006)
4,000
0603 Case Size Multilayer Chip Inductors (L-SMS Series)
(_) - Insert Inductance Tolerance Code (K or M)


Similar Part No. - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101KDWIT KEMET-L1210R101KDWIT Datasheet
53Kb / 1P
   KEMET, L-DWI, Power, 100 uH, 10%
More results

Similar Description - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com