Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1210R101MDWIT Datasheet(PDF) 17 Page - Kemet Corporation

Part # L1210R101MDWIT
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1210R101MDWIT Datasheet(HTML) 17 Page - Kemet Corporation

Back Button L1210R101MDWIT Datasheet HTML 13Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 14Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 15Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 16Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 17Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 18Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 19Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 20Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 21Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
17
Ordering Code
Inductance
(μH)
Inductance
Tolerance
Q min.
Minimum Self
Resonant
Frequency
(MHz)
Maximum DC
Resistance
(
Ω
Ω)
Maximum
Rated Current
(mA)
Measuring
Frequency
(MHz)
Thickness mm (inches)
Tape & Reel
Packaging
Quantity
L0402CR12(_)SMST
0.12
K±10%. M±20%
10
180
0.70
25
25
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR15(_)SMST
0.15
K±10%. M±20%
10
165
0.90
25
25
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR18(_)SMST
0.18
K±10%. M±20%
10
150
1.10
25
25
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR22(_)SMST
0.22
K±10%. M±20%
10
135
1.30
25
25
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR27(_)SMST
0.27
K±10%. M±20%
10
120
1.50
25
25
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR33(_)SMST
0.33
K±10%. M±20%
10
105
1.70
25
25
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR39(_)SMST
0.39
K±10%. M±20%
20
85
0.60
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR47(_)SMST
0.47
K±10%. M±20%
20
80
0.70
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR56(_)SMST
0.56
K±10%. M±20%
20
75
0.80
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR68(_)SMST
0.68
K±10%. M±20%
20
70
0.90
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402CR82(_)SMST
0.82
K±10%. M±20%
20
65
1.00
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402C1R0(_)SMST
1.0
K±10%. M±20%
20
60
1.10
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402C1R2(_)SMST
1.2
K±10%. M±20%
20
55
1.25
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402C1R5(_)SMST
1.5
K±10%. M±20%
20
50
1.40
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402C1R8(_)SMST
1.8
K±10%. M±20%
20
45
1.55
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
L0402C2R2(_)SMST
2 2
K±10%. M±20%
20
40
1.70
10
10
0.5 ±0.05 (0.02 ±0.002)
10,000
0402 Case Size Multilayer Chip Inductors (L-SMS Series)
(_) - Insert Inductance Tolerance Code (K or M)
Multilayer Chip Inductors - L-SMS, L-PMS, L-DMI Series


Similar Part No. - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101KDWIT KEMET-L1210R101KDWIT Datasheet
53Kb / 1P
   KEMET, L-DWI, Power, 100 uH, 10%
More results

Similar Description - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com