Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1210R101MDWIT Datasheet(PDF) 15 Page - Kemet Corporation

Part # L1210R101MDWIT
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L1210R101MDWIT Datasheet(HTML) 15 Page - Kemet Corporation

Back Button L1210R101MDWIT Datasheet HTML 11Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 12Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 13Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 14Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 15Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 16Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 17Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 18Page - Kemet Corporation L1210R101MDWIT Datasheet HTML 19Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
15
0805 Case Size Multilayer Chip Inductors for High Frequency (L-RMS Series)
Ordering Code
Inductance
(nH)
Inductance
Tolerance
Q
min.
Measuring
Frequency
(MHz)
Typical Q
Self-resonant
Frequency
(MHz)
DC Resistance
(
Ω
Ω)
Maximum
Rated
Current
(mA)
Thickness mm
(inches)
Tape & Reel
Packaging
Quantity
Frequency (MHz)
100
300
500
800 1000
min.
typ.
max.
typ.
L0805C1N5SRMST
1.5
±0.3nH
10
100
21
39
57
61
68
4000
>6000
0.10
0.02
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C1N8SRMST
1.8
±0.3nH
10
100
18
35
49
55
59
4000
>6000
0.10
0.02
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C2N2SRMST
2.2
±0.3nH
10
100
18
33
46
53
58
4000
>6000
0.10
0.03
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C2N7SRMST
2.7
±0.3nH
12
100
19
36
50
56
60
4000
>6000
0.10
0.03
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C3N3SRMST
3.3
±0.3nH
12
100
16
29
40
47
51
4000
>6000
0.13
0.04
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C3N9SRMST
3.9
±0.3nH
12
100
18
33
46
54
60
4000
>6000
0.15
0.05
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C4N7SRMST
4.7
±0.3nH
12
100
18
34
46
55
60
3500
>6000
0.20
0.05
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C5N6SRMST
5.6
±0.3nH
15
100
20
38
51
60
66
3200
5400
0.23
0.05
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C6N8JRMST
6.8
±5%
15
100
20
39
52
63
69
2800
4200
0.25
0.06
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C8N2JRMST
8.2
±5%
15
100
21
40
54
63
70
2400
3700
0.28
0.07
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C10NJRMST
10
±5%
15
100
20
38
51
60
67
2100
3100
0.30
0.09
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C12NJRMST
12
±5%
15
100
21
39
52
60
67
1900
3000
0.35
0.10
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C15NJRMST
15
±5%
15
100
22
42
55
63
72
1600
2600
0.40
0.11
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C18NJRMST
18
±5%
15
100
24
44
57
63
72
1500
2300
0.45
0.13
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C22NJRMST
22
±5%
18
100
23
43
55
60
69
1400
2100
0.50
0.16
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C27NJRMST
27
±5%
18
100
23
42
53
58
68
1300
1800
0.55
0.17
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C33NJRMST
33
±5%
18
100
24
43
54
55
60
1200
1700
0.60
0.19
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C39NJRMST
39
±5%
18
100
23
41
50
47
47
1000
1400
0.65
0.25
300
0.85 ±0.2 (0.033 ±0.008)
4,000
L0805C47NJRMST
47
±5%
18
100
23
41
49
43
41
900
1200
0.70
0.26
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805C56NJRMST
56
±5%
18
100
23
42
48
39
38
800
1100
0.75
0.28
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805C68NJRMST
68
±5%
18
100
25
42
45
30
-
700
900
0.80
0.33
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805C82NJRMST
82
±5%
18
100
24
41
41
600
800
0.90
0.37
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR10JRMST
100
±5%
18
100
23
37
37
600
800
0.90
0.40
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR12JRMST
120
±5%
13
50
22
33
29
-
500
700
0.95
0.43
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR15JRMST
150
±5%
13
50
22
34
26
-
500
700
1.00
0.46
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR18JRMST
180
±5%
13
50
23
34
20
-
400
600
1.10
0.50
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR22JRMST
220
±5%
12
50
20
23
350
550
1.20
0.75
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR27JRMST
270
±5%
12
50
20
19
300
480
1.30
0.85
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR33JRMST
330
±5%
12
50
22
15
250
400
1.40
0.90
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR39JRMST
390
±5%
10
50
17
12
250
400
1.30
0.85
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
L0805CR47JRMST
470
±5%
10
50
17
200
350
1.50
0.95
300
1.0 +0.2/-0.3
(0.039 +0.008/-0.012)
3,000
Multilayer Chip Inductors - High Frequency - L-RMS Series


Similar Part No. - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101KDWIT KEMET-L1210R101KDWIT Datasheet
53Kb / 1P
   KEMET, L-DWI, Power, 100 uH, 10%
More results

Similar Description - L1210R101MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com